Electronic Components Datasheet Search
  English  ▼

X  

FT900 Datasheet(PDF) 5 Page - Future Technology Devices International Ltd.

Part # FT900
Description  The FT900 series includes the FT900,FT901, FT902 and FT903 which are complete System-On-Chip 32-bit RISC microcontrollers for embedded applications featuring a high level of integration and low powerconsumption
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT900 Datasheet(HTML) 5 Page - Future Technology Devices International Ltd.

  FT900 Datasheet HTML 1Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 2Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 3Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 4Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 5Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 6Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
Copyright © 2014 Future Technology Devices International Limited
5
FT900/1/2/3 Embedded Microcontroller Datasheet
Version 1.0
Document No.: FT_000965 Clearance No.: FTDI#421
Table of Contents
1
Typical Applications...................................................................... 3
1.1
Part Numbers...................................................................................... 3
1.2
USB2.0 Compliant ............................................................................... 3
2
FT900 Block Diagram.................................................................... 4
3
Device Pin Out and Signal Description.......................................... 8
3.1
Pin Out – FT900 QFN-100 .................................................................. 8
3.2
Pin Out – FT900 LQFP-100 ............................................................... 12
3.3
Pin Description ................................................................................. 16
4
Function Description................................................................... 24
4.1
Architectural Overview ..................................................................... 24
4.2
FT32 Core Processor ......................................................................... 24
4.3
256kB Flash Memory......................................................................... 24
4.4
Boot Sequence .................................................................................. 24
4.5
Interrupt........................................................................................... 25
4.6
Memory Mapping .............................................................................. 26
4.7
USB2.0 Host Controller ..................................................................... 27
4.7.1
Features:.................................................................................................................. 27
4.8
USB2.0 Peripheral Contoller.............................................................. 28
4.8.1
Features:.................................................................................................................. 28
4.9
Ethernet Controller ........................................................................... 28
4.9.1
Features:.................................................................................................................. 28
4.10
CAN Bus Controller......................................................................... 28
4.10.1
Features: .............................................................................................................. 29
4.11
Real Time Clock.............................................................................. 29
4.11.1
Features: .............................................................................................................. 29
4.12
One-Wire Debugger Interface ........................................................ 29
4.12.1
Features: .............................................................................................................. 29
4.13
SPI Interface ................................................................................. 29
4.13.1
Features: .............................................................................................................. 29
4.14
I2C Interface .................................................................................. 30
4.14.1
Features: .............................................................................................................. 30
4.15
UART Interface .............................................................................. 30
4.15.1
Features: .............................................................................................................. 30
4.16
Timers and Watchdog Timer .......................................................... 31
4.16.1
Features: .............................................................................................................. 31
4.17
I2S Interface .................................................................................. 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com