Electronic Components Datasheet Search
  English  ▼

X  

FT900 Datasheet(PDF) 33 Page - Future Technology Devices International Ltd.

Part # FT900
Description  The FT900 series includes the FT900,FT901, FT902 and FT903 which are complete System-On-Chip 32-bit RISC microcontrollers for embedded applications featuring a high level of integration and low powerconsumption
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT900 Datasheet(HTML) 33 Page - Future Technology Devices International Ltd.

Back Button FT900 Datasheet HTML 29Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 30Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 31Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 32Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 33Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 34Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 35Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 36Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 37Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
Copyright © 2014 Future Technology Devices International Limited
33
FT900/1/2/3 Embedded Microcontroller Datasheet
Version 1.0
Document No.: FT_000965 Clearance No.: FTDI#421
Configurable CPRM function for security.
Built-in generation and check for 7-bit and 16-bit CRC data.
Card detection (Insertion/Removal).
Supports read wait mechanism for SDIO function.
Supports suspend/resume mechanism for SDIO function.
4.21 Analog to Digital Converter (ADC)
The FT900 series has a low-power, high-speed, successive approximation Analog-to-Digital
Converter (ADC) that supports a 10-bit resolution and superior maximum sampling frequencies
of up to 1 Mega Samples Per-second (MSPS). This ADC accepts analog inputs ranging from the
ground supplies to the power supplies. This ADC can be used in various low-power and
medium-resolution applications.
4.21.1 Features:
10-bit successive approximation ADC.
Supports 7 channel input.
Individual channels can be selected for conversion.
Power-down mode support.
Max conversion rate up to 1MSPS.
Measurement range 0 to VCC3V3A, by default the range voltage is 10% off of
VCC3V3A. See Table 5-7.
INL: 0.56/-1.05 LSB (Typ.).
DNL: 0.66/-0.58 LSB (Typ.).
4.22 Digital to Analog Converter (DAC)
The FT900 series has two 10-bit, 1 Mega Samples Per-second (MSPS) Digital-Analog converter
(DAC). It includes digital logic for registering the DAC value and a unity-gain buffer capable of
driving off-chip. The module can also be switched to a power-down state where it consumes a
minimum amount of current. The maximum output value of the DAC is DAC_REFP.
4.22.1 Features:
Two 10-bit DACs (0/1).
10-bit R-2R DAC ladder structure.
Buffered output.
Power-down mode support.
Programmable conversion rate, the maximum rate is 1MHz.
Selectable output drive.
4.23 General Purpose Input Output
The FT900 series provides up to 65 configurable Input / Output pins controlled by GPIO
registers. All pins have multiple functions with special peripheral connection. Separate
registers allow setting or clearing any number of outputs simultaneously. All GPIO pins default
to inputs with pull-down resistors enable on reset except GPIO0/1/2 inputs that have pull-up
resistors enabled.
All GPIOs can function as an interrupt. The polarity can be either positive edge or negative
edge if its interrupt capability is enabled. In this case, the GPIO pin must be configured as a
GPIO input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com