Electronic Components Datasheet Search
  English  ▼

X  

S1335 Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S1335
Description  HIGH RIPPLE-REJECTION SOFT-START FUNCTION
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1335 Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S1335 Datasheet HTML 1Page - Seiko Instruments Inc S1335 Datasheet HTML 2Page - Seiko Instruments Inc S1335 Datasheet HTML 3Page - Seiko Instruments Inc S1335 Datasheet HTML 4Page - Seiko Instruments Inc S1335 Datasheet HTML 5Page - Seiko Instruments Inc S1335 Datasheet HTML 6Page - Seiko Instruments Inc S1335 Datasheet HTML 7Page - Seiko Instruments Inc S1335 Datasheet HTML 8Page - Seiko Instruments Inc S1335 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
HIGH RIPPLE-REJECTION SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
Rev.1.3_00
S-1335 Series
Seiko Instruments Inc.
3
3. S-1335 Series C / G type
VSS
ON / OFF
VIN
VOUT
*1
Reference
voltage circuit
+
−
ON / OFF
circuit
Soft-start
circuit
Overcurrent
protection
circui
*1. Parasitic diode
Function
Status
ON / OFF logic
Active "H"
Discharge shunt
function
Unavailable
Pull-down resistor Available
Soft-start time
(typ.)
C type: 0.1 ms
G type: 1.0 ms
Figure 3
4. S-1335 Series D / H type
VSS
ON / OFF
VIN
VOUT
*1
Reference
voltage circuit
+
−
ON / OFF
circuit
Soft-start
circuit
Overcurrent
protection
circuit
*1. Parasitic diode
Function
Status
ON / OFF logic
Active "H"
Discharge shunt
function
Unavailable
Pull-down resistor
Unavailable
Soft-start time
(typ.)
D type: 0.1 ms
H type: 1.0 ms
Figure 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com