Electronic Components Datasheet Search
  English  ▼

X  

S1335 Datasheet(PDF) 41 Page - Seiko Instruments Inc

Part # S1335
Description  HIGH RIPPLE-REJECTION SOFT-START FUNCTION
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1335 Datasheet(HTML) 41 Page - Seiko Instruments Inc

Back Button S1335 Datasheet HTML 37Page - Seiko Instruments Inc S1335 Datasheet HTML 38Page - Seiko Instruments Inc S1335 Datasheet HTML 39Page - Seiko Instruments Inc S1335 Datasheet HTML 40Page - Seiko Instruments Inc S1335 Datasheet HTML 41Page - Seiko Instruments Inc S1335 Datasheet HTML 42Page - Seiko Instruments Inc S1335 Datasheet HTML 43Page - Seiko Instruments Inc S1335 Datasheet HTML 44Page - Seiko Instruments Inc S1335 Datasheet HTML 45Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 67 page
background image
HIGH RIPPLE-REJECTION SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
Rev.1.3_00
S-1335 Series
Seiko Instruments Inc.
41
5. Output voltage vs. Ambient temperature
5. 1 VOUT = 1.0 V
5. 2 VOUT = 2.5 V
−40
0
255075
1.10
0.90
Ta [
°C]
−25
85
1.05
1.00
0.95
−40
0
255075
2.7
2.3
Ta [
°C]
−25
85
2.6
2.5
2.4
5. 3 VOUT = 3.6 V
−40
0
255075
3.8
3.2
Ta [
°C]
−25
85
3.7
3.6
3.5
3.4
3.3
6. Current consumption vs. Input voltage
6. 1 VOUT = 1.0 V
6. 2 VOUT = 2.5 V
02
4
0
3
1
40
56
VIN [V]
35
30
25
20
15
10
5
Ta =
+85°C
Ta =
+25°C
Ta =
−40°C
02
4
0
3
1
40
56
VIN [V]
35
30
25
20
15
10
5
Ta =
+85°C
Ta =
+25°C
Ta =
−40°C
6. 3 VOUT = 3.6 V
02
4
0
3
1
40
56
VIN [V]
35
30
25
20
15
10
5
Ta =
+85°C
Ta =
+25°C
Ta =
−40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com