Electronic Components Datasheet Search
  English  ▼

X  

S1335 Datasheet(PDF) 32 Page - Seiko Instruments Inc

Part # S1335
Description  HIGH RIPPLE-REJECTION SOFT-START FUNCTION
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1335 Datasheet(HTML) 32 Page - Seiko Instruments Inc

Back Button S1335 Datasheet HTML 28Page - Seiko Instruments Inc S1335 Datasheet HTML 29Page - Seiko Instruments Inc S1335 Datasheet HTML 30Page - Seiko Instruments Inc S1335 Datasheet HTML 31Page - Seiko Instruments Inc S1335 Datasheet HTML 32Page - Seiko Instruments Inc S1335 Datasheet HTML 33Page - Seiko Instruments Inc S1335 Datasheet HTML 34Page - Seiko Instruments Inc S1335 Datasheet HTML 35Page - Seiko Instruments Inc S1335 Datasheet HTML 36Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 67 page
background image
HIGH RIPPLE-REJECTION SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
S-1335 Series
Rev.1.3_00
Seiko Instruments Inc.
32
3. ON / OFF pin
This pin starts and stops the regulator.
When the ON / OFF pin is set to OFF level, the entire internal circuit stops operating, and the built-in P-channel MOS
FET output transistor between the VIN pin and the VOUT pin is turned off, reducing current consumption significantly.
Note that the current consumption increases when a voltage of 0.3 V to 1.0 V is applied to the ON / OFF pin.
The ON / OFF pin is configured as shown in Figure 27 and Figure 28.
3. 1 S-1335 Series A / C / E / G / J / L type
The ON / OFF pin is internally pulled down to the VSS pin in the floating status, so the VOUT pin is set to the VSS
level.
3. 2 S-1335 Series B / D / F / H / K / M type
The ON / OFF pin is not internally pulled up or pulled down to the VSS pin, so do not use it in the floating status.
When not using the ON / OFF pin, connect the pin to the VIN pin.
Table 22
Product Type
ON / OFF Pin
Internal Circuit
VOUT Pin Voltage
Current Consumption
A / B / C / D / E / F /
G / H / J / K / L / M
"H": ON
Operate
Set value
ISS1
*1
A / B / C / D / E / F /
G / H / J / K / L / M
"L": OFF
Stop
VSS level
ISS2
*1. Note that the IC's current consumption increases as much as current flows into the pull-down resistor of
2.2 M
Ω typ. when the ON / OFF pin is connected to the VIN pin and the S-1335 Series A / C / E / G / J / L
type is operating (refer to Figure 27).
VSS
VIN
ON / OFF
VSS
VIN
ON / OFF
Figure 27 S-1335 Series A / C / E / G / J / L type
Figure 28 S-1335 Series B / D / F / H / K / M type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com