Electronic Components Datasheet Search
  English  ▼

X  

S1335 Datasheet(PDF) 37 Page - Seiko Instruments Inc

Part # S1335
Description  HIGH RIPPLE-REJECTION SOFT-START FUNCTION
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1335 Datasheet(HTML) 37 Page - Seiko Instruments Inc

Back Button S1335 Datasheet HTML 33Page - Seiko Instruments Inc S1335 Datasheet HTML 34Page - Seiko Instruments Inc S1335 Datasheet HTML 35Page - Seiko Instruments Inc S1335 Datasheet HTML 36Page - Seiko Instruments Inc S1335 Datasheet HTML 37Page - Seiko Instruments Inc S1335 Datasheet HTML 38Page - Seiko Instruments Inc S1335 Datasheet HTML 39Page - Seiko Instruments Inc S1335 Datasheet HTML 40Page - Seiko Instruments Inc S1335 Datasheet HTML 41Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 67 page
background image
HIGH RIPPLE-REJECTION SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
Rev.1.3_00
S-1335 Series
Seiko Instruments Inc.
37
8. 2. 2 When SST pin voltage (VSST) is switched from "L" to "H"
The soft-start time (tSS) is calculated by using the following equation.
tSS = tSS1'
+ tSS0 × {1 − VOUT(E)' / (VOUT(E) × 0.99)}
tSS1': The time period that VSST is switched from "L" to "H" after power-on
tSS0: The soft-start time when VSST = "H"
VOUT(E)': The output voltage when VSST is switched from "L" to "H"
VOUT(E): The output voltage after the end of the soft-start time
Input voltage
(VIN)
SST pin voltage
(VSST)
Output voltage
(VOUT)
VOUT(E)
× 0.99
Soft-start time (tSS)
VOUT(S)
+ 1.0 V
VIN
× 0.50
tSS1'
VOUT(E)'
VOUT(E)
VSH2
tr = 1.0
μs
Figure 35 VSST = "L"
→ "H"
Input voltage
(VIN)
SST pin voltage
(VSST)
Output voltage
(VOUT)
Soft-start time (tSS0)
VOUT(S)
+ 1.0 V
VIN
× 0.50
VOUT(E)
tr = 1.0
μs
Figure 36 VSST = "H"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com