Electronic Components Datasheet Search
  English  ▼

X  

S1335 Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S1335
Description  HIGH RIPPLE-REJECTION SOFT-START FUNCTION
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1335 Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S1335 Datasheet HTML 3Page - Seiko Instruments Inc S1335 Datasheet HTML 4Page - Seiko Instruments Inc S1335 Datasheet HTML 5Page - Seiko Instruments Inc S1335 Datasheet HTML 6Page - Seiko Instruments Inc S1335 Datasheet HTML 7Page - Seiko Instruments Inc S1335 Datasheet HTML 8Page - Seiko Instruments Inc S1335 Datasheet HTML 9Page - Seiko Instruments Inc S1335 Datasheet HTML 10Page - Seiko Instruments Inc S1335 Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
HIGH RIPPLE-REJECTION SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
Rev.1.3_00
S-1335 Series
Seiko Instruments Inc.
7
3. Packages
Table 2 Package Drawing Codes
Package Name
Dimension
Tape
Reel
Land
SOT-23-5
MP005-A-P-SD
MP005-A-C-SD
MP005-A-R-SD
−
SC-82AB
NP004-A-P-SD
NP004-A-C-SD
NP004-A-C-S1
NP004-A-R-SD
−
HSNT-4 (1010)
PL004-A-P-SD
PL004-A-C-SD
PL004-A-R-SD
PL004-A-L-SD
4. Product name list
4. 1 S-1335 Series A type
ON / OFF logic:
Active "H"
Discharge shunt function:
Available
Pull-down resistor:
Available
Soft-start time:
0.1 ms typ.
Table 3
Output Voltage
SC-82AB
HSNT-4 (1010)
1.0 V
± 15 mV
S-1335A10-N4T1U3
S-1335A10-A4T2U3
1.1 V
± 15 mV
S-1335A11-N4T1U3
S-1335A11-A4T2U3
1.2 V
± 15 mV
S-1335A12-N4T1U3
S-1335A12-A4T2U3
1.3 V
± 15 mV
S-1335A13-N4T1U3
S-1335A13-A4T2U3
1.4 V
± 15 mV
S-1335A14-N4T1U3
S-1335A14-A4T2U3
1.5 V
± 1.0%
S-1335A15-N4T1U3
S-1335A15-A4T2U3
1.6 V
± 1.0%
S-1335A16-N4T1U3
S-1335A16-A4T2U3
1.7 V
± 1.0%
S-1335A17-N4T1U3
S-1335A17-A4T2U3
1.8 V
± 1.0%
S-1335A18-N4T1U3
S-1335A18-A4T2U3
1.9 V
± 1.0%
S-1335A19-N4T1U3
S-1335A19-A4T2U3
2.0 V
± 1.0%
S-1335A20-N4T1U3
S-1335A20-A4T2U3
2.1 V
± 1.0%
S-1335A21-N4T1U3
S-1335A21-A4T2U3
2.2 V
± 1.0%
S-1335A22-N4T1U3
S-1335A22-A4T2U3
2.3 V
± 1.0%
S-1335A23-N4T1U3
S-1335A23-A4T2U3
2.4 V
± 1.0%
S-1335A24-N4T1U3
S-1335A24-A4T2U3
2.5 V
± 1.0%
S-1335A25-N4T1U3
S-1335A25-A4T2U3
2.6 V
± 1.0%
S-1335A26-N4T1U3
S-1335A26-A4T2U3
2.7 V
± 1.0%
S-1335A27-N4T1U3
S-1335A27-A4T2U3
2.8 V
± 1.0%
S-1335A28-N4T1U3
S-1335A28-A4T2U3
2.85 V
± 1.0%
S-1335A2J-N4T1U3
S-1335A2J-A4T2U3
2.9 V
± 1.0%
S-1335A29-N4T1U3
S-1335A29-A4T2U3
3.0 V
± 1.0%
S-1335A30-N4T1U3
S-1335A30-A4T2U3
3.1 V
± 1.0%
S-1335A31-N4T1U3
S-1335A31-A4T2U3
3.2 V
± 1.0%
S-1335A32-N4T1U3
S-1335A32-A4T2U3
3.3 V
± 1.0%
S-1335A33-N4T1U3
S-1335A33-A4T2U3
3.4 V
± 1.0%
S-1335A34-N4T1U3
S-1335A34-A4T2U3
3.5 V
± 1.0%
S-1335A35-N4T1U3
S-1335A35-A4T2U3
3.6 V
± 1.0%
S-1335A36-N4T1U3
S-1335A36-A4T2U3
Remark Please contact our sales office for products with specifications other than the above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com