Electronic Components Datasheet Search
  English  ▼

X  

S1335 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S1335
Description  HIGH RIPPLE-REJECTION SOFT-START FUNCTION
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1335 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S1335 Datasheet HTML 2Page - Seiko Instruments Inc S1335 Datasheet HTML 3Page - Seiko Instruments Inc S1335 Datasheet HTML 4Page - Seiko Instruments Inc S1335 Datasheet HTML 5Page - Seiko Instruments Inc S1335 Datasheet HTML 6Page - Seiko Instruments Inc S1335 Datasheet HTML 7Page - Seiko Instruments Inc S1335 Datasheet HTML 8Page - Seiko Instruments Inc S1335 Datasheet HTML 9Page - Seiko Instruments Inc S1335 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
HIGH RIPPLE-REJECTION SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
S-1335 Series
Rev.1.3_00
Seiko Instruments Inc.
6
Product Name Structure
Users can select the product type, output voltage, and package type for the S-1335 Series. Refer to "1. Product
name" regarding the contents of product name, "2. Function list of product type" regarding the product type, "3.
Packages" regarding the package drawings, "4. Product name list" regarding details of the product name.
1. Product name
S-1335 x xx - xxxx U 3
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Package abbreviation and IC packing specifications
*1
M5T1: SOT-23-5, Tape
N4T1: SC-82AB, Tape
A4T2: HSNT-4 (1010), Tape
Output voltage
*2
10 to 36
(e.g., when the output voltage is 1.0 V, it is expressed as 10.)
Product type
*3
A to M
*1.
Refer to the tape drawing.
*2.
If you request the product which has 0.05 V step, contact our sales office.
*3.
Refer to "2. Function list of product type".
2. Function list of product type
Table 1
Product
Type
ON / OFF
Logic
Discharge Shunt
Function
Pull-down
Resistor
Soft-start Time (typ.)
Package
A
Active "H"
Available
Available
0.1 ms
SC-82AB,
HSNT-4 (1010)
B
Active "H"
Available
Unavailable
0.1 ms
SC-82AB,
HSNT-4 (1010)
C
Active "H"
Unavailable
Available
0.1 ms
SC-82AB,
HSNT-4 (1010)
D
Active "H"
Unavailable
Unavailable
0.1 ms
SC-82AB,
HSNT-4 (1010)
E
Active "H"
Available
Available
1.0 ms
HSNT-4 (1010)
F
Active "H"
Available
Unavailable
1.0 ms
HSNT-4 (1010)
G
Active "H"
Unavailable
Available
1.0 ms
HSNT-4 (1010)
H
Active "H"
Unavailable
Unavailable
1.0 ms
HSNT-4 (1010)
J
Active "H"
Available
Available
0.1 ms / 1.0 ms (Switchable)
SOT-23-5
K
Active "H"
Available
Unavailable
0.1 ms / 1.0 ms (Switchable)
SOT-23-5
L
Active "H"
Unavailable
Available
0.1 ms / 1.0 ms (Switchable)
SOT-23-5
M
Active "H"
Unavailable
Unavailable
0.1 ms / 1.0 ms (Switchable)
SOT-23-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com