Electronic Components Datasheet Search
  English  ▼

X  

S1335 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S1335
Description  HIGH RIPPLE-REJECTION SOFT-START FUNCTION
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1335 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S1335 Datasheet HTML 4Page - Seiko Instruments Inc S1335 Datasheet HTML 5Page - Seiko Instruments Inc S1335 Datasheet HTML 6Page - Seiko Instruments Inc S1335 Datasheet HTML 7Page - Seiko Instruments Inc S1335 Datasheet HTML 8Page - Seiko Instruments Inc S1335 Datasheet HTML 9Page - Seiko Instruments Inc S1335 Datasheet HTML 10Page - Seiko Instruments Inc S1335 Datasheet HTML 11Page - Seiko Instruments Inc S1335 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
HIGH RIPPLE-REJECTION SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
S-1335 Series
Rev.1.3_00
Seiko Instruments Inc.
8
4. 2 S-1335 Series B type
ON / OFF logic:
Active "H"
Discharge shunt function: Available
Pull-down resistor:
Unavailable
Soft-start time:
0.1 ms typ.
Table 4
Output Voltage
SC-82AB
HSNT-4 (1010)
1.0 V
± 15 mV
S-1335B10-N4T1U3
S-1335B10-A4T2U3
1.1 V
± 15 mV
S-1335B11-N4T1U3
S-1335B11-A4T2U3
1.2 V
± 15 mV
S-1335B12-N4T1U3
S-1335B12-A4T2U3
1.3 V
± 15 mV
S-1335B13-N4T1U3
S-1335B13-A4T2U3
1.4 V
± 15 mV
S-1335B14-N4T1U3
S-1335B14-A4T2U3
1.5 V
± 1.0%
S-1335B15-N4T1U3
S-1335B15-A4T2U3
1.6 V
± 1.0%
S-1335B16-N4T1U3
S-1335B16-A4T2U3
1.7 V
± 1.0%
S-1335B17-N4T1U3
S-1335B17-A4T2U3
1.8 V
± 1.0%
S-1335B18-N4T1U3
S-1335B18-A4T2U3
1.9 V
± 1.0%
S-1335B19-N4T1U3
S-1335B19-A4T2U3
2.0 V
± 1.0%
S-1335B20-N4T1U3
S-1335B20-A4T2U3
2.1 V
± 1.0%
S-1335B21-N4T1U3
S-1335B21-A4T2U3
2.2 V
± 1.0%
S-1335B22-N4T1U3
S-1335B22-A4T2U3
2.3 V
± 1.0%
S-1335B23-N4T1U3
S-1335B23-A4T2U3
2.4 V
± 1.0%
S-1335B24-N4T1U3
S-1335B24-A4T2U3
2.5 V
± 1.0%
S-1335B25-N4T1U3
S-1335B25-A4T2U3
2.6 V
± 1.0%
S-1335B26-N4T1U3
S-1335B26-A4T2U3
2.7 V
± 1.0%
S-1335B27-N4T1U3
S-1335B27-A4T2U3
2.8 V
± 1.0%
S-1335B28-N4T1U3
S-1335B28-A4T2U3
2.85 V
± 1.0%
S-1335B2J-N4T1U3
S-1335B2J-A4T2U3
2.9 V
± 1.0%
S-1335B29-N4T1U3
S-1335B29-A4T2U3
3.0 V
± 1.0%
S-1335B30-N4T1U3
S-1335B30-A4T2U3
3.1 V
± 1.0%
S-1335B31-N4T1U3
S-1335B31-A4T2U3
3.2 V
± 1.0%
S-1335B32-N4T1U3
S-1335B32-A4T2U3
3.3 V
± 1.0%
S-1335B33-N4T1U3
S-1335B33-A4T2U3
3.4 V
± 1.0%
S-1335B34-N4T1U3
S-1335B34-A4T2U3
3.5 V
± 1.0%
S-1335B35-N4T1U3
S-1335B35-A4T2U3
3.6 V
± 1.0%
S-1335B36-N4T1U3
S-1335B36-A4T2U3
Remark Please contact our sales office for products with specifications other than the above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com