Electronic Components Datasheet Search
  English  ▼

X  

S1335 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S1335
Description  HIGH RIPPLE-REJECTION SOFT-START FUNCTION
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1335 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S1335 Datasheet HTML 1Page - Seiko Instruments Inc S1335 Datasheet HTML 2Page - Seiko Instruments Inc S1335 Datasheet HTML 3Page - Seiko Instruments Inc S1335 Datasheet HTML 4Page - Seiko Instruments Inc S1335 Datasheet HTML 5Page - Seiko Instruments Inc S1335 Datasheet HTML 6Page - Seiko Instruments Inc S1335 Datasheet HTML 7Page - Seiko Instruments Inc S1335 Datasheet HTML 8Page - Seiko Instruments Inc S1335 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
S-1335 Series
www.sii-ic.com
HIGH RIPPLE-REJECTION SOFT-START FUNCTION
CMOS VOLTAGE REGULATOR
© Seiko Instruments Inc., 2012-2014
Rev.1.3_00
Seiko Instruments Inc.
1
The S-1335 Series, developed by using the CMOS technology, is a positive voltage regulator IC of 150 mA output current,
which has low dropout voltage, high-accuracy output voltage and soft-start function.
The rising time of output voltage immediately after power-on or after the ON / OFF pin is set to ON is adjustable. A 1.0
μF
small ceramic capacitor can be used. It operates with low current consumption of 36
μA typ. Furthermore the overcurrent
protection circuit prevents the load current from exceeding the capacity of output transistor.
SOT-23-5, SC-82AB and super small HSNT-4 (1010) packages realize high-density mounting.
Features
• Output voltage:
1.0 V to 3.6 V, selectable in 0.05 V step
• Input voltage:
1.5 V to 5.5 V
• Output voltage accuracy:
±1.0% (1.0 V to 1.45 V output product: ±15 mV)
• Dropout voltage:
70 mV typ. (2.8 V output product, IOUT = 100 mA)
• Current consumption:
During operation: 36
μA typ., 54 μA max.
During power-off: 0.1
μA typ., 1.0 μA max.
• Output current:
Possible to output 150 mA (VIN
≥ VOUT(S) + 1.0 V)
*1
• Input and output capacitors:
A ceramic capacitor of 1.0
μF or more can be used.
• Ripple rejection:
70 dB typ. (f = 10 kHz, VOUT(S)
≤ 2.5 V)
80 dB typ. (f = 1.0 kHz)
• Built-in soft-start circuit:
The rising time of output voltage immediately after power-on or after the
ON / OFF pin is set to ON is adjustable.
The soft-start time of SOT-23-5 can be switched to tSS0 = 0.1 ms typ. /
tSS1 = 1.0 ms typ. with the SST pin.
The soft-start time of SC-82AB is fixed to tSS0 = 0.1 ms typ.
The soft-start time of HSNT-4 (1010) is fixed to either tSS0 = 0.1 ms typ.
or tSS1 = 1.0 ms typ.
• Built-in overcurrent protection circuit:
Limits overcurrent of output transistor.
• Built-in ON / OFF circuit:
Ensures long battery life.
• Pull-down resistor is selectable.
• Discharge shunt function is selectable.
• Operation temperature range:
Ta =
−40°C to +85°C
• Lead-free (Sn 100%), halogen-free
*1. Attention should be paid to the power dissipation of the package when the output current is large.
Applications
• Constant-voltage power supply for digital still camera, TV
• Constant-voltage power supply for battery-powered device
• Constant-voltage power supply for cellular phone
• Constant-voltage power supply for portable equipment
Packages
• SOT-23-5
• SC-82AB
• HSNT-4 (1010)


Similar Part No. - S1335

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
S1330NH BELDEN-S1330NH Datasheet
103Kb / 3P
Multi-Conductor - DataBus짰 ISA/SP-50 FOUNDATION Fieldbus or PROFIBUS Cable
S1331NH BELDEN-S1331NH Datasheet
104Kb / 3P
Multi-Conductor - DataBus짰 ISA/SP-50 FOUNDATION Fieldbus or PROFIBUS Cable
S1332NH BELDEN-S1332NH Datasheet
104Kb / 3P
Multi-Conductor - DataBus짰 ISA/SP-50 FOUNDATION Fieldbus or PROFIBUS Cable
logo
Seiko Instruments Inc
S1333 SII-S1333 Datasheet
916Kb / 47P
LOW CURRENT CONSUMPTION HIGH RIPPLE-REJECTION
logo
Belden Inc.
S1333NH BELDEN-S1333NH Datasheet
103Kb / 3P
Multi-Conductor - DataBus짰 ISA/SP-50 FOUNDATION Fieldbus or PROFIBUS Cable
More results

Similar Description - S1335

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1111 SII-S-1111 Datasheet
290Kb / 25P
HIGH RIPPLE-REJECTION LOW DROPOUT
ST111 SII-ST111 Datasheet
406Kb / 23P
HIGH RIPPLE-REJECTION
S1172 SII-S1172 Datasheet
554Kb / 35P
HIGH RIPPLE-REJECTION LOW DROPOUT
S1155 SII-S1155 Datasheet
486Kb / 28P
HIGH RIPPLE-REJECTION LOW DROPOUT
logo
ADTech
ADT73502 ADTECH-ADT73502 Datasheet
651Kb / 10P
internal soft-start function
logo
Skyworks Solutions Inc.
AAT1161 SKYWORKS-AAT1161 Datasheet
1Mb / 18P
Soft Start Function
logo
Unisonic Technologies
UD05121G-AF5-R UTC-UD05121G-AF5-R Datasheet
243Kb / 7P
Build-in soft start function
logo
Seiko Instruments Inc
S-1137 SII-S-1137 Datasheet
2Mb / 47P
HIGH RIPPLE-REJECTION LOW DROPOUT SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1335 ABLIC-S-1335 Datasheet
756Kb / 67P
HIGH RIPPLE-REJECTION SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
Rev.1.3_02
logo
Mechatronics, Inc.
MA1751 MECHATRONICS-MA1751 Datasheet
375Kb / 1P
soft start function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com