Electronic Components Datasheet Search
  English  ▼

X  

S1011 Datasheet(PDF) 32 Page - Seiko Instruments Inc

Part # S1011
Description  BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1011 Datasheet(HTML) 32 Page - Seiko Instruments Inc

Back Button S1011 Datasheet HTML 28Page - Seiko Instruments Inc S1011 Datasheet HTML 29Page - Seiko Instruments Inc S1011 Datasheet HTML 30Page - Seiko Instruments Inc S1011 Datasheet HTML 31Page - Seiko Instruments Inc S1011 Datasheet HTML 32Page - Seiko Instruments Inc S1011 Datasheet HTML 33Page - Seiko Instruments Inc S1011 Datasheet HTML 34Page - Seiko Instruments Inc S1011 Datasheet HTML 35Page - Seiko Instruments Inc S1011 Datasheet HTML 36Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S-1011 Series
Rev.1.2_00
Seiko Instruments Inc.
32
9. Minimum operation voltage (VOUT) vs. Power supply voltage (VDD)
9. 1 VDD detection product
S-1011A50
Pull-up to VDD, Pull-up resistance: 100 k
Ω
0.0
0.0
5.5
VDD [V]
6.0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
5.0
4.0
3.0
2.0
1.0
Ta = −40°C
Ta = +25°C
Ta = +85°C
S-1011A50
Pull-up to 16.0 V, Pull-up resistance: 100 k
Ω
0.0
0.0
5.5
VDD [V]
20.0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
15.0
10.0
5.0
Ta = −40°C
Ta = +25°C
Ta = +85°C
9. 2 SENSE detection product
S-1011E50
VDD = 3.0 V,
Pull-up to VDD, Pull-up resistance: 100 k
Ω
0.0
0.0
5.5
VSENSE [V]
6.0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
5.0
4.0
3.0
2.0
1.0
Ta = −40°C
Ta = +25°C
Ta = +85°C
S-1011E50
VDD = 3.0 V,
Pull-up to 16.0 V, Pull-up resistance: 100 k
Ω
0.0
0.0
5.5
VSENSE [V]
20.0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
15.0
10.0
5.0
Ta = −40°C
Ta = +25°C
Ta = +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com