Electronic Components Datasheet Search
  English  ▼

X  

S1011 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S1011
Description  BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1011 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S1011 Datasheet HTML 4Page - Seiko Instruments Inc S1011 Datasheet HTML 5Page - Seiko Instruments Inc S1011 Datasheet HTML 6Page - Seiko Instruments Inc S1011 Datasheet HTML 7Page - Seiko Instruments Inc S1011 Datasheet HTML 8Page - Seiko Instruments Inc S1011 Datasheet HTML 9Page - Seiko Instruments Inc S1011 Datasheet HTML 10Page - Seiko Instruments Inc S1011 Datasheet HTML 11Page - Seiko Instruments Inc S1011 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S-1011 Series
Rev.1.2_00
Seiko Instruments Inc.
8
Absolute Maximum Ratings
Table 13
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Unit
Power supply voltage
VDD
− VSS
VSS
− 0.3 to VSS + 45
V
SENSE pin input voltage
VSENSE
VSS
− 0.3 to VSS + 45
V
CP pin input voltage
VCP
VSS
− 0.3 to VDD + 0.3 ≤ VSS + 7.0
V
CN pin input voltage
VCN
VSS
− 0.3 to VDD + 0.3 ≤ VSS + 7.0
V
Output voltage
VOUT
VSS
− 0.3 to VSS + 45
V
Output current
IOUT
25
mA
Operation ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
Caution
The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
Thermal Resistance Value
Table 14
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Junction-to-ambient thermal resistance
*1
θja
SOT-23-6
Board 1
−
159
−
°C/W
Board 2
−
124
−
°C/W
*1. Test environment: compliance with JEDEC STANDARD JESD51-2A
Remark Refer to " Thermal Characteristics" for details of power dissipation and test board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com