Electronic Components Datasheet Search
  English  ▼

X  

S1011 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S1011
Description  BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1011 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S1011 Datasheet HTML 1Page - Seiko Instruments Inc S1011 Datasheet HTML 2Page - Seiko Instruments Inc S1011 Datasheet HTML 3Page - Seiko Instruments Inc S1011 Datasheet HTML 4Page - Seiko Instruments Inc S1011 Datasheet HTML 5Page - Seiko Instruments Inc S1011 Datasheet HTML 6Page - Seiko Instruments Inc S1011 Datasheet HTML 7Page - Seiko Instruments Inc S1011 Datasheet HTML 8Page - Seiko Instruments Inc S1011 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
S-1011 Series
www.sii-ic.com
HIGH-WITHSTAND VOLTAGE
BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
© Seiko Instruments Inc., 2014-2015
Rev.1.2_00
Seiko Instruments Inc.
1
The S-1011 Series is a high-accuracy voltage detector developed using CMOS technology. The detection voltage is fixed
internally, and the accuracy of the S-1011 Series A / C / E / G type is
±1.5%. It operates with current consumption of
600 nA typ.
Apart from the power supply pin, the detection voltage input pin (SENSE pin) is also prepared in the SENSE detection
product, so the output is stable even if the SENSE pin falls to 0 V.
The detection signal and release signal can be delayed by setting a capacitor externally, and the detection delay time
accuracy is
±20% (CN = 3.3 nF, Ta = +25°C), the release delay time accuracy is ±20% (CP = 3.3 nF, Ta = +25°C).
Output form is Nch open-drain output.
Features
• Detection voltage:
3.0 V to 10.0 V (0.05 V step) (SENSE detection product)
3.6 V to 10.0 V (0.05 V step) (VDD detection product)
• Detection voltage accuracy:
±1.5% (A / C / E / G type)
• Detection delay time accuracy:
±20% (CN = 3.3 nF)
• Release delay time accuracy:
±20% (CP = 3.3 nF)
• Current consumption:
600 nA typ.
• Operation voltage range:
1.8 V to 36.0 V
• Hysteresis width:
"Available" (5.0% typ.) / "unavailable" is selectable.
• Output form:
Nch open-drain output
• Operation temperature range:
Ta =
−40°C to +85°C
• Lead-free (Sn 100%), halogen-free
Applications
• Power supply monitor for microcomputer and reset for CPU
• Constant voltage power supply monitor for TV and home appliance etc.
• Power supply monitor for Blu-ray recorder, notebook PC and digital still camera
• Industrial equipment, housing equipment
Package
• SOT-23-6


Similar Part No. - S1011

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10111 HAMAMATSU-S10111 Datasheet
188Kb / 11P
Current-output type sensors with variable integration time function
S10111-128Q HAMAMATSU-S10111-128Q Datasheet
188Kb / 11P
Current-output type sensors with variable integration time function
S10111-256Q HAMAMATSU-S10111-256Q Datasheet
188Kb / 11P
Current-output type sensors with variable integration time function
S10111-512Q HAMAMATSU-S10111-512Q Datasheet
188Kb / 11P
Current-output type sensors with variable integration time function
S10112-128Q HAMAMATSU-S10112-128Q Datasheet
188Kb / 11P
Current-output type sensors with variable integration time function
More results

Similar Description - S1011

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1003 SII-S1003 Datasheet
681Kb / 42P
MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S1004 SII-S1004 Datasheet
2Mb / 42P
BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19100XXXA SII-S19100XXXA Datasheet
2Mb / 39P
FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19100XXXH SII-S19100XXXH Datasheet
2Mb / 45P
FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19101XXXA SII-S19101XXXA Datasheet
1Mb / 30P
FOR AUTOMOTIVE 125째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19101XXXH SII-S19101XXXH Datasheet
1Mb / 31P
FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19110JXXH SII-S19110JXXH Datasheet
5Mb / 46P
FOR AUTOMOTIVEOPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1003 ABLIC-S-1003 Datasheet
660Kb / 42P
MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
Rev.1.0_03
S-1004 ABLIC-S-1004 Datasheet
2Mb / 42P
BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_02
S-1011 ABLIC-S-1011 Datasheet
2Mb / 43P
HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com