Electronic Components Datasheet Search
  English  ▼

X  

S1011 Datasheet(PDF) 37 Page - Seiko Instruments Inc

Part # S1011
Description  BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1011 Datasheet(HTML) 37 Page - Seiko Instruments Inc

Back Button S1011 Datasheet HTML 33Page - Seiko Instruments Inc S1011 Datasheet HTML 34Page - Seiko Instruments Inc S1011 Datasheet HTML 35Page - Seiko Instruments Inc S1011 Datasheet HTML 36Page - Seiko Instruments Inc S1011 Datasheet HTML 37Page - Seiko Instruments Inc S1011 Datasheet HTML 38Page - Seiko Instruments Inc S1011 Datasheet HTML 39Page - Seiko Instruments Inc S1011 Datasheet HTML 40Page - Seiko Instruments Inc S1011 Datasheet HTML 41Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_00
S-1011 Series
Seiko Instruments Inc.
37
6. Release delay time (tDELAY) vs. Power supply voltage (VDD)
6. 1 SENSE detection product
S-1011E50
CP = 3.3 nF
12.0
8.0
0.0
36.0
VDD [V]
30.0
24.0
18.0
12.0
6.0
11.0
10.0
9.0
Ta =
25C
Ta =
85C
Ta =
40C
1
s
tDELAY
VIH*1
VIL*2
VDD
VSS
VDD
 50%
Input voltage
Output voltage
VDD
VSS
OUT
CP
CN
VSENSE
R
100 k
Ω
V
+
CP
VDD
V
+
SENSE
*1.
VIH =
+VDET + 1.0 V
*2.
VIL =
+VDET − 1.0 V
Figure 51 Test Condition of Release Delay Time
Figure 52 Test Circuit of Release Delay Time
Caution
The above connection diagram and constant will not guarantee successful operation.
Perform thorough evaluation using the actual application to set the constant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com