Electronic Components Datasheet Search
  English  ▼

X  

S1011 Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S1011
Description  BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1011 Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S1011 Datasheet HTML 3Page - Seiko Instruments Inc S1011 Datasheet HTML 4Page - Seiko Instruments Inc S1011 Datasheet HTML 5Page - Seiko Instruments Inc S1011 Datasheet HTML 6Page - Seiko Instruments Inc S1011 Datasheet HTML 7Page - Seiko Instruments Inc S1011 Datasheet HTML 8Page - Seiko Instruments Inc S1011 Datasheet HTML 9Page - Seiko Instruments Inc S1011 Datasheet HTML 10Page - Seiko Instruments Inc S1011 Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_00
S-1011 Series
Seiko Instruments Inc.
7
Pin Configurations
1. S-1011 Series A / C / J / L type (VDD detection product)
1. 1 SOT-23-6
13
2
54
6
Top view
Figure 5
Table 11
Pin No.
Symbol
Description
1
VDD
Voltage input pin
2
NC
*1
No connection
3
OUT
Voltage detection output pin
4
CP
*2
Connection pin for release delay capacitor
5
VSS
GND pin
6
CN
*3
Connection pin for detection delay capacitor
*1. The NC pin is electrically open.
The NC pin can be connected to the VDD pin or the VSS pin.
*2. Connect a capacitor between the CP pin and the VSS pin.
The release delay time can be adjusted according to the capacitance.
Moreover, the CP pin is available even when it is open.
*3. Connect a capacitor between the CN pin and the VSS pin.
The detection delay time can be adjusted according to the capacitance.
Moreover, the CN pin is available even when it is open.
2. S-1011 Series E / G / N / Q type (SENSE detection product)
2. 1 SOT-23-6
13
2
54
6
Top view
Figure 6
Table 12
Pin No.
Symbol
Description
1
VDD
Voltage input pin
2
SENSE
Detection voltage input pin
3
OUT
Voltage detection output pin
4
CP
*1
Connection pin for release delay capacitor
5
VSS
GND pin
6
CN
*2
Connection pin for detection delay capacitor
*1. Connect a capacitor between the CP pin and the VSS pin.
The release delay time can be adjusted according to the capacitance.
Moreover, the CP pin is available even when it is open.
*2. Connect a capacitor between the CN pin and the VSS pin.
The detection delay time can be adjusted according to the capacitance.
Moreover, the CN pin is available even when it is open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com