Electronic Components Datasheet Search
  English  ▼

X  

S1011 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S1011
Description  BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1011 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S1011 Datasheet HTML 2Page - Seiko Instruments Inc S1011 Datasheet HTML 3Page - Seiko Instruments Inc S1011 Datasheet HTML 4Page - Seiko Instruments Inc S1011 Datasheet HTML 5Page - Seiko Instruments Inc S1011 Datasheet HTML 6Page - Seiko Instruments Inc S1011 Datasheet HTML 7Page - Seiko Instruments Inc S1011 Datasheet HTML 8Page - Seiko Instruments Inc S1011 Datasheet HTML 9Page - Seiko Instruments Inc S1011 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S-1011 Series
Rev.1.2_00
Seiko Instruments Inc.
6
4. 5 S-1011 Series J type
Voltage detection: VDD detection
Output logic: Active "L"
Hysteresis width: Available (5.0% typ.)
Detection voltage: 3.6 V to 4.95 V
Table 7
Detection Voltage
SOT-23-6
3.6 V
± 3.0%
S-1011J36-M6T1U4
4.2 V
± 2.5%
S-1011J42-M6T1U4
Remark Please contact our sales office for products with specifications other than the above.
4. 6 S-1011 Series L type
Voltage detection: VDD detection
Output logic: Active "L"
Hysteresis width: Unavailable
Detection voltage: 3.6 V to 4.95 V
Table 8
Detection Voltage
SOT-23-6
3.6 V
± 3.0%
S-1011L36-M6T1U4
4.2 V
± 2.5%
S-1011L42-M6T1U4
Remark Please contact our sales office for products with specifications other than the above.
4. 7 S-1011 Series N type
Voltage detection: SENSE detection
Output logic: Active "L"
Hysteresis width: Available (5.0% typ.)
Detection voltage: 3.0 V to 4.95 V
Table 9
Detection Voltage
SOT-23-6
3.0 V
± 3.0%
S-1011N30-M6T1U4
3.3 V
± 3.0%
S-1011N33-M6T1U4
3.6 V
± 3.0%
S-1011N36-M6T1U4
4.2 V
± 2.5%
S-1011N42-M6T1U4
Remark Please contact our sales office for products with specifications other than the above.
4. 8 S-1011 Series Q type
Voltage detection: SENSE detection
Output logic: Active "L"
Hysteresis width: Unavailable
Detection voltage: 3.0 V to 4.95 V
Table 10
Detection Voltage
SOT-23-6
3.0 V
± 3.0%
S-1011Q30-M6T1U4
3.3 V
± 3.0%
S-1011Q33-M6T1U4
3.6 V
± 3.0%
S-1011Q36-M6T1U4
4.2 V
± 2.5%
S-1011Q42-M6T1U4
Remark Please contact our sales office for products with specifications other than the above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com