Electronic Components Datasheet Search
  English  ▼

X  

MAX5922CEUI Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5922CEUI
Description  48V, Single-Port Network Power Switch For Power-Over-LAN
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5922CEUI Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5922CEUI Datasheet HTML 9Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 10Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 11Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 12Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 13Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 14Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 15Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 16Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
+48V, Single-Port Network Power Switch
For Power-Over-LAN
______________________________________________________________________________________
13
INCREMENT
OVERCURRENT
COUNTER
N
N
Y
RESET
OVERCURRENT
COUNTER
N
POK LOW
AFTER tPOK_DLY
HIGH TO LOW
N
Y
N
EN = HIGH?
RESET
POWER-ON
N
Y
N
RESET COUNTERS
START PD DECTECTION
FORCE OUT = VPBI (4V)
WAIT I/2tDET
Cl0 = CL1 = CL2 = HIGH
START
PD CLASSIFICATION
CL0 = CL1 = CL2 = HIGH
Y
N
CLASS = H?
Y
START POWER-UP
RESET
FAULT AND ZC
Y
INCREMENT
tZCDEL
tZCDEL = 350ms?
SWITCH SHUTOFF
FAULT = LOW
Y
LATCH = HIBH
Y
EN = LOW?
Y
Y
N
N
N
SWITCH
SHUT-OFF
ZC = LOW
RESET tZCDEL
OVERCURRENT
DETECTED
ZC_EN =
HIGH?
N
Y
INCREMENT
tZC_DEG
RESET
tZC_DEG
Y
IS DCA HIGH?
SAMPLE AND HOLD
ISENSE1
MEASURE
IDET = ISENSE2 - ISENSE1
WAIT tDCA
OUTPUT IN HIGH-Z
N
Y
N
REPORT CLASS
STATUS
THERMAL
SHUTDOWN
DETECTED?
N
Y
IS POK HIGH?
RESET
tZC_DEG
tZCDEL
Y
N
Y
N
tRESTART
ELAPSED?
Y
N
Y
Y
VIN > UVLOTH?
IS
(VPBI - VPBI)/IDET
OK?
VOUT - VIN < VTHPOK?
OVERCURRENT
CONDITION?
OVERCURRENT
COUNTER = 60?
POK HIGH
AFTER
tPOK_DLY
LOW TO HIGH
Is IOUT
< IZCTH?
tZC_DEG =
10ms?
Note 1
FORCE
VOUT = VCLASS (17.5V)
WAIT tCLASS
and MEASURE ICLASS
FORCE OUT = VPBI (8V)
WAIT 1/2tDET
*FOR THE MAX5922B, THE DCA FUNCTION IS INTERNALLY DISABLED. FOR THE MAX5922C, THE DCA FUNCTION IS INTERNALLY ENABLED.
Figure 2. Operational Flow Chart (MAX5922A and MAX5922B/MAX5922C with DET_DIS Connected Low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com