Electronic Components Datasheet Search
  English  ▼

X  

MAX5922CEUI Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX5922CEUI
Description  48V, Single-Port Network Power Switch For Power-Over-LAN
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5922CEUI Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX5922CEUI Datasheet HTML 12Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 13Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 14Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 15Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 16Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 17Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 18Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 19Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
+48V, Single-Port Network Power Switch
For Power-Over-LAN
16
______________________________________________________________________________________
output voltage slew rate at the OUT pin to dVOUT/dt =
100V/ms (max) and the output-current slew rate out of
the OUT pin to dIOUT/dt = 35A/ms (max).
The MAX5922 has an integrated 0.45
Ω N-channel
power MOSFET. The MOSFET’s drain is connected to
the DRAIN pin and its source is connected to the OUT
pin. The MAX5922 monitors and provides current-limit
protection to the load at all times. The current limit is
programmable using an external current-sensing resis-
tor connected from IN to DRAIN. To be compatible with
the IEE802.3af standard, use a 0.5
Ω±1%, 50ppm/°C
resistor. The MAX5922 features current-limit foldback
and duty-cycle limit to ensure robust operation during
load-fault and short-circuit conditions (see the
Overcurrent Protection section).
When VOUT is within 750mV of VIN for more than
tPOK_HIGH, POK goes open drain. Figure 6 shows a
typical startup sequence.
After POK is asserted, the MAX5922 activates the zero-
current detection function. This function monitors the
output for an undercurrent condition and eventually
turns off the power to the output if the PD is disconnect-
ed (see the Zero-Current Detection section).
Undervoltage Lockout (UVLO)
The MAX5922 operates from a +32V to +60V supply
voltage range and has a default UVLO set at +38V
(MAX5922A) or +28V (MAX5922B/MAX5922C). The
UVLO threshold is adjustable using a resistive-divider
connected to the UVLO pin (see Figure 7). When the
input voltage is below the UVLO threshold, all operation
stops and the MOSFET is held off. When the input volt-
age is above the UVLO threshold and EN is high, the
MAX5922 goes into operation. See Figures 2 and 4 for
the operational flow charts.
To adjust the UVLO threshold, connect an external
resistive-divider from IN to UVLO and then from UVLO
to AGND. Use the following equation to calculate the
new UVLO threshold:
VREF is typically 1.38V (MAX5922A) or 1.33V (MAX5922B/
MAX5922C). The UVLO pin input resistance is 50k
Ω
(min), keep the R1 and R2 parallel combination value at
least 20 times smaller than 50k
Ω to minimize the new
UVLO threshold error.
VV
R
R
UVLO TH
REF
_
=+


1
1
2
tPOK_HIGH, 88ms
tDET2, 88ms
tDET1, 88ms
tCLASS,
21.3ms
t
POK (OPEN-DRAIN)
0V
0
0V
+4V
+8V
+17.5V
+48V
VIN CROSSES UVLO
100V/ms (max)
Figure 6. Startup Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com