Electronic Components Datasheet Search
  English  ▼

X  

MAX5922CEUI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5922CEUI
Description  48V, Single-Port Network Power Switch For Power-Over-LAN
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5922CEUI Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5922CEUI Datasheet HTML 1Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 2Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 3Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 4Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 5Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 6Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 7Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 8Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
+48V, Single-Port Network Power Switch
For Power-Over-LAN
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages with respect to AGND_S, unless otherwise noted.)
IN ............................................................................-0.3V to +76V
UVLO ........................................................................-0.3V to +6V
VDIG to DGND ..........................................................-0.3V to +6V
OUT .......................................................-0.3V to (VDRAIN + 0.3V)
DRAIN ..........................................................-0.3V to (VIN + 0.3V)
RDT.........................................................................-0.3V to +12V
RCL to IN ................................................................-10V to +0.3V
EN, DET_DIS, DCA, CLASS, ZC_EN,
and LATCH to DGND ...........................................-0.3V to +6V
POK,
ZC, CL0, CL1, CL2, and FAULT to DGND......-0.3V to +6V
DGND ..........................................................................-5V to +5V
Maximum Current into Drain .................................................0.8A
Maximum Current into POK,
ZC, CL0, CL1, CL2, FAULT...20mA
Continuous Power Dissipation (TA = +70°C)
28-Pin TSSOP (Derate 12.8mW/°C above +70°C) .....1026mW
Operating Temperature Range ...........................-40
°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65
°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VIN = 48V, VDIG = 3.3V, AGND_S = AGND = DGND = 0V, RSENSE = 0.5
Ω ±1%, UVLO = open, EN = VDIG, RRCL = 150Ω ±1%, RRDT
= 18.2k
Ω ±1%, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Analog Input Voltage Range
VIN
32
60
V
Analog Input Supply Current
IIN
VIN = 60V, measured at AGND after OUT
has stopped slewing
11.6
mA
Digital Input Voltage Range
VDIG
1.65
5.50
V
Digital Input Supply Current
IDIG
VDIG = 5V
0.05
0.1
mA
DGND to AGND Operating
Voltage Range
-4
+4
V
Current-Limit Response Time
OUT shorted to AGND (Note 2)
1
µs
OUT Current-Limit Foldback
Voltage
VFBSTOP
(Note 3)
18
V
Maximum voltage across RSENSE at VOUT >
VFBSTOP
198
212
223
Current-Limit Sense Voltage
(VIN - VDRS) (Note 4)
VILIM
0°C to +70°C
203
212
221
mV
Current-Limit Sense Foldback
Voltage (VIN - VDRS)
VILIM_fb
VOUT = 0V
64
70
76
mV
Overcurrent Timeout
tOC
OUT shorted to AGND (Note 5)
50
60
75
ms
TA = +25°C0.45
DMOS On-Resistance
RDSON
IOUT = 100mA
TA = +85°C0.75
Ω
Power-Off OUT Sink Current
EN = DGND, VOUT = 48V
15
µA
Maximum Output Voltage Slew
Rate
dVOUT/dt
VOUT rising, no load
100
V/ms
Maximum Output Current Slew
Rate
dIOUT/dt
VOUT rising, CLOAD = 100µF
35
A/ms
VOUT rising, POK from low to high
650
750
850
mV
Power-OK Threshold (VIN - VOUT)VTHPOK
Hysteresis
10
%
POK Output Low Voltage
VPOK_LOW IPOK = 3mA
0.4
V
POK Output Leakage Current
VPOK = 3.3V
0.05
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com