Electronic Components Datasheet Search
  English  ▼

X  

MAX5922CEUI Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5922CEUI
Description  48V, Single-Port Network Power Switch For Power-Over-LAN
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5922CEUI Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5922CEUI Datasheet HTML 1Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 2Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 3Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 4Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 5Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 6Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 7Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 8Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
+48V, Single-Port Network Power Switch
For Power-Over-LAN
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 48V, VDIG = 3.3V, AGND_S = AGND = DGND = 0V, RSENSE = 0.5
Ω ±1%, UVLO = open, EN = VDIG, RRCL = 150Ω ±1%, RRDT
= 18.2k
Ω ±1%, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
tPOK_LOW
POK from high to low, VOUT falling
1.0
1.4
1.8
POK Output Delay (Note 6)
tPOK_HIGH POK from low to high, VOUT rising
74
88
102
ms
Zero-Current Detection Threshold
Voltage (VIN - VDRS)
VZCTH
(Note 4)
2.7
3.75
4.8
mV
ZC Output Low Voltage
V ZC_LOW
I ZC = 3mA
0.4
V
ZC Output Leakage Current
V ZC = 3.3V
0.05
1
µA
Zero-Current Detection Delay
tZCDEL
ZC from high to low, IOUT falling (Note 7)
300
350
400
ms
Zero-Current Deglitch Time
tZC_DEG
IOUT rising
10
ms
Temperature rising
150
°C
Thermal Shutdown
Hysteresis
30
°C
Shutdown Autorestart Time
tRESTART
LATCH = low (Note 8)
1.60
1.92
2.24
s
UNDERVOLTAGE LOCKOUT
MAX5922A
36
38
40
UVLO floating, VIN rising
MAX5922B/
MAX5922C
26
28
30
MAX5922A
4.4
Default VIN UVLO
UVLOTH
Hysteresis
MAX5922B/C
2.5
V
MAX5922A
1.36
1.38
1.41
Referenced to AGND_S,
VUVLO rising
MAX5922B/
MAX5922C
1.31
1.33
1.36
V
MAX5922A
160
UVLO Comparator Threshold
VREF
Hysteresis
MAX5922B/
MAX5922C
120
mV
UVLO Input Resistance
50
k
Ω
LOGIC SIGNALS
EN, LATCH, DCA, DET_DIS
CLASS, and ZC_EN Input High
Voltage
VIH
1.65V < VDIG < 5.5V
0.7
×
VDIG
V
1.65V < VDIG < 2.0V
0.3
×
VDIG
EN, LATCH, DCA, DET_DIS
CLASS, and ZC_EN Input Low
Voltage
VIL
2.0V < VDIG < 5.5V
0.8
V
EN, LATCH, DCA, DET_DIS
CLASS, and ZC_EN Input Current
-1
+1
µA
EN Low Pulse Width
3µs
FAULT, CL0, CL1 and CL2,
Output Low Voltage
VOL
ISINK = 3mA
0.4
V
FAULT, CL0, CL1 and CL2,
Output Leakage Current
VFAULT = VCL0 = VCL1 = VCL2 = 3.3V,
CLASS = 0V
0.05
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com