Electronic Components Datasheet Search
  English  ▼

X  

MAX5922CEUI Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5922CEUI
Description  48V, Single-Port Network Power Switch For Power-Over-LAN
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5922CEUI Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5922CEUI Datasheet HTML 1Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 2Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 3Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 4Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 5Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 6Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 7Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 8Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
+48V, Single-Port Network Power Switch
For Power-Over-LAN
_______________________________________________________________________________________
5
VIN SUPPLY CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
62
57
52
47
42
37
0.75
0.80
0.90
0.85
0.95
1.00
0.70
32
TA = +85
°C
TA = +25
°C
TA = -40
°C
MEASURED AT AGND
VIN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
65
50
35
20
5
-10
-25
0.75
0.80
0.90
0.85
0.95
1.00
0.70
-40
80
VIN = 60V
VIN = 48V
VIN = 32V
MEASURED AT
AGND
11.1
11.2
11.3
11.4
11.5
11.6
11.7
11.8
11.9
12.0
11.0
DIGITAL SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
65
50
35
20
5
-10
-25
-40
80
33.0
34.0
35.0
36.0
37.0
38.0
39.0
40.0
32.0
VIN UNDERVOLTAGE LOCKOUT
vs. TEMPERATURE
TEMPERATURE (
°C)
65
50
35
20
5
-10
-25
-40
80
VIN RISING
VIN FALLING
0.35
0.40
0.45
0.50
0.55
0.60
0.30
MOSFET RDSON
vs. TEMPERATURE
TEMPERATURE (
°C)
65
50
35
20
5
-10
-25
-40
80
IOUT = 100mA
SENSE TRIP VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
80
65
35
50
-10
5
20
-25
206
207
208
209
210
211
212
213
214
215
205
-40
VIN = 60V
VIN = 48V
VIN = 32V
FOLDBACK-CURRENT LIMIT
(ILIM vs. VOUT)
OUTPUT VOLTAGE (V)
45
40
30 35
10 15 20 25
5
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0
050
3.52
3.54
3.56
3.58
3.60
3.62
3.64
3.66
3.68
3.70
3.50
ZERO-CURRENT DETECTION THRESHOLD
VOLTAGE vs. TEMPERATURE
TEMPERATURE (
°C)
65
50
35
20
5
-10
-25
-40
80
VIN = 60V
VIN = 32V
VIN = 48V
ON-RESISTANCE vs. VDRAIN
INPUT VOLTAGE (V)
56
52
48
44
40
36
32
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.1
28
60
IOUT = 100mA
TA = +85
°C
TA = +25
°C
TA = -40
°C
Typical Operating Characteristics
(MAX5922A, VIN = 48V, VDIG, EN, LATCH, CLASS, and ZC_EN = 3.3V, DCA, AGND_S = AGND = DGND = 0V, RSENSE = 0.5
Ω ±1%,
UVLO floating, RRCL = 150k
Ω, RRDT = 18.2kΩ, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com