Electronic Components Datasheet Search
  English  ▼

X  

MAX5922CEUI Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5922CEUI
Description  48V, Single-Port Network Power Switch For Power-Over-LAN
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5922CEUI Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5922CEUI Datasheet HTML 3Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 4Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 5Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 6Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 7Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 8Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 9Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 10Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
+48V, Single-Port Network Power Switch
For Power-Over-LAN
_______________________________________________________________________________________
7
OVERCURRENT RESTART DELAY
MAX5922 toc19
400ms/div
0V
20V/div
0V
5V/div
0A
500mA/div
0V
5V/div
VOUT
POK
IOUT
FAULT
tRESTART
STARTUP WITH VALID
PD (25k
Ω AND 0.1µF)
MAX5922 toc20
40ms/div
0V
20V/div
0V
5V/div
0V
5V/div
0A
200mA/div
VOUT
POK
IOUT
EN
STARTUP WITH INVALID
PD (25k
Ω AND 10µF)
MAX5922 toc21
100ms/div
0V
0V
5V/div
0A
250
µA/div
0V
2V/div
VOUT
POK
IOUT
EN
Typical Operating Characteristics (continued)
(MAX5922A, VIN = 48V, VDIG, EN, LATCH, CLASS, and ZC_EN = 3.3V, DCA, AGND_S = AGND = DGND = 0V, RSENSE = 0.5
Ω ±1%,
UVLO floating, RRCL = 150k
Ω, RRDT = 18.2kΩ, TA = +25°C, unless otherwise noted.)
ZERO-CURRENT HIGH-TO-LOW
DETECTION TIME
MAX5922 toc16
100ms/div
0V
20V/div
0V
5V/div
0V
5V/div
0A
1.25mA/div
VOUT
POK
ZC
IOUT
tZCDEL
ZERO-CURRENT (IIms GLITCH)
DEGLITCH TIME
MAX5922 toc17
100ms/div
0V
20V/div
0V
5V/div
0V
5V/div
0A
200mA/div
VOUT
POK
ZC
IOUT
tZCDEL
GLITCH > tZC_DEG
ZERO-CURRENT
DEGLITCH TIME (10ms GLITCH)
MAX5922 toc18
100ms/div
0V
20V/div
0V
5V/div
0V
5V/div
0A
200mA/div
VOUT
POK
ZC
IOUT
tZCDEL
GLITCH > tZC_DEG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com