Electronic Components Datasheet Search
  English  ▼

X  

MAX5922CEUI Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX5922CEUI
Description  48V, Single-Port Network Power Switch For Power-Over-LAN
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5922CEUI Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX5922CEUI Datasheet HTML 13Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 14Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 15Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 16Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 17Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 18Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 19Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 20Page - Maxim Integrated Products MAX5922CEUI Datasheet HTML 21Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
+48V, Single-Port Network Power Switch
For Power-Over-LAN
18
______________________________________________________________________________________
This overcurrent timeout enables the MAX5922 to operate
in a periodic overcurrent condition without causing a fault
(see Figure 9).
Power-OK (POK)
POK goes open-drain tPOK_HIGH (88ms) after VOUT
rises to within VTHPOK (0.75V) from VIN. POK goes low
tPOK_LOW (1.4ms) after VOUT drops 0.82V below VIN.
Zero-Current Detection
Zero-current detection is enabled if ZC_EN is high and
only after the startup period has finished (indicated by
POK going high). When VSENSE falls below the zero-
current threshold (VZCTH) for a continuous tZCDEL =
350ms, a zero-current fault is generated. The MOSFET
is turned off and
ZC is latched low. The MAX5922A and
the MAX5922B/MAX5922C (with DET_DIS = low) imme-
diately begin a PD detection sequence, regardless of
the status of the LATCH input.
ZC is unlatched and
goes high impedance after a PD is detected.
ZC is also
high impedance during initial power-up. When
DET_DIS is high (MAX5922B/MAX5922C), a zero-cur-
rent fault shuts down the MOSFET and the EN pin
needs to be toggled to unlatch the fault.
At any time during a zero-current condition, if VSENSE
goes above VZCTH for the zero-current deglitch time
(tZC_DEG = 10ms), the zero-current counter resets to
zero and a zero-current fault is not generated. Bring
ZC_EN low to disable the zero-current detection func-
tion.
ZC stays high impedance in this mode.
Thermal Shutdown
If the MAX5922 die temperature reaches +150
°C, an
overtemperature fault is generated. The MOSFET turns
off and
FAULT goes low. The MAX5922 die tempera-
ture must cool down below 120
°C before the overtem-
perature fault condition is removed (see Fault
Management section).
Fault Report (
FAULT)
FAULT goes low when there is an overcurrent fault and/or
an overtemperature fault.
FAULT is open-drain otherwise.
After a fault, the
FAULT signal is latched low. FAULT is
unlatched at the beginning of the next power mode.
Fault Management
The MAX5922 offers either latched-off or auto-retry fault
management configurable by the LATCH input.
Bringing LATCH high puts the device into latch mode
while pulling LATCH low selects the autoretry option.
In latch mode, the MAX5922 turns the MOSFET off and
keeps it off after an overcurrent fault or an over-temper-
ature fault. After the fault condition goes away, recycle
the power supplies or toggle the EN pin low and high
again to unlatch the part. However, the part waits a
tRESTART period (1.92s) before recovering from a fault
condition and resuming normal operation.
In autoretry mode, the MAX5922 turns the MOSFET off
after an overcurrent or overtemperature fault. After the
fault condition is removed, the device waits a tRESTART
period (1.92s) and then automatically restarts and
enters the PD detection mode (MAX5922A and
MAX5922B/MAX5922C with DET_DIS low). If DET_DIS
is high (MAX5922B/MAX5922C), the MAX5922B/
MAX5922C automatically restart into the power-up
mode after tRESTDRT. If the fault was due to an
overtemperature condition, the MAX5922 waits for its
die temperature to cool down below the hysteresis level
before starting the tRESTART time.
Detection Collision Avoidance
Detection collision avoidance is enabled by connecting
the DCA pin directly to VDIG and disabled by connect-
ing it to DGND. When DCA is high, the MAX5922A acti-
vates a back-off time, tDCA (2.8s), after every failed
detection during PD detection mode. During this back-
off time, the MAX5922A turns off the MOSFET and dri-
ves the OUT pin to high impedance. This function is
required by the IEEE 802.3af standard if the PSE
resides in a midspan system. After tDCA, the
MAX5922A starts a PD detection sequence. The
MAX5922B has this function internally disabled and the
MAX5922C has this function internally enabled.
tOC
tRESTART
t < tOC
t
0V
VFAULT
0V
IOUT
ILIMIT
Figure 9. Overcurrent Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com