Electronic Components Datasheet Search
  English  ▼

X  

ISO7340C Datasheet(PDF) 6 Page - Texas Instruments

Part # ISO7340C
Description  ISO734x Robust EMC, Low Power, Quad-Channel Digital Isolators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7340C Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO7340C_15 Datasheet HTML 2Page - Texas Instruments ISO7340C_15 Datasheet HTML 3Page - Texas Instruments ISO7340C_15 Datasheet HTML 4Page - Texas Instruments ISO7340C_15 Datasheet HTML 5Page - Texas Instruments ISO7340C_15 Datasheet HTML 6Page - Texas Instruments ISO7340C_15 Datasheet HTML 7Page - Texas Instruments ISO7340C_15 Datasheet HTML 8Page - Texas Instruments ISO7340C_15 Datasheet HTML 9Page - Texas Instruments ISO7340C_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
ISO7340C, ISO7340FC, ISO7341C, ISO7341FC, ISO7342C, ISO7342FC
SLLSEI6E – SEPTEMBER 2014 – REVISED APRIL 2015
www.ti.com
6.4 Thermal Information
THERMAL METRIC
DW (16 Pins)
UNIT
RθJA
Junction-to-ambient thermal resistance
78.4
RθJC(top)
Junction-to-case(top) thermal resistance
41.0
RθJB
Junction-to-board thermal resistance
43.0
°C/W
ψJT
Junction-to-top characterization parameter
15.6
ψJB
Junction-to-board characterization parameter
42.5
RθJC(bottom)
Junction-to-case(bottom) thermal resistance
n/a
PD
Maximum Power Dissipation by ISO7340
92
VCC1 = VCC2 = 5.5V, TJ = 150°C,
PD1
Maximum Power Dissipation by Side-1 of ISO7340
CL = 15pF, Input a 12.5 MHz 50%
24
mW
duty cycle square wave
PD2
Maximum Power Dissipation by Side-2 of ISO7340
68
PD
Maximum Power Dissipation by ISO7341
102
VCC1 = VCC2 = 5.5V, TJ = 150°C,
PD1
Maximum Power Dissipation by Side-1 of ISO7341
CL = 15pF, Input a 12.5 MHz 50%
42
mW
duty cycle square wave
PD2
Maximum Power Dissipation by Side-2 of ISO7341
60
PD
Maximum Power Dissipation by ISO7342
111
VCC1 = VCC2 = 5.5V, TJ = 150°C,
PD1
Maximum Power Dissipation by Side-1 of ISO7342
CL = 15pF, Input a 12.5 MHz 50%
55.5
mW
duty cycle square wave
PD2
Maximum Power Dissipation by Side-2 of ISO7342
55.5
6
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ISO7340C ISO7340FC ISO7341C ISO7341FC ISO7342C ISO7342FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com