Electronic Components Datasheet Search
  English  ▼

X  

ISO7340C Datasheet(PDF) 20 Page - Texas Instruments

Part # ISO7340C
Description  ISO734x Robust EMC, Low Power, Quad-Channel Digital Isolators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7340C Datasheet(HTML) 20 Page - Texas Instruments

Back Button ISO7340C_15 Datasheet HTML 16Page - Texas Instruments ISO7340C_15 Datasheet HTML 17Page - Texas Instruments ISO7340C_15 Datasheet HTML 18Page - Texas Instruments ISO7340C_15 Datasheet HTML 19Page - Texas Instruments ISO7340C_15 Datasheet HTML 20Page - Texas Instruments ISO7340C_15 Datasheet HTML 21Page - Texas Instruments ISO7340C_15 Datasheet HTML 22Page - Texas Instruments ISO7340C_15 Datasheet HTML 23Page - Texas Instruments ISO7340C_15 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
14
13
INA
OUTD
3
4
5
6
0.1F
EN1
EN2
7
10
INB
12
11
OUTC
IND
INC
DVDD
DGND
2
GAIN1
24
25
26
GAIN0
SPEED
PWDN
AIN3+
AIN3-
AIN4+
A0
A1
AIN1+
AIN1-
AIN2+
SCLK
DOUT
REF+
REF-
AIN4-
1
VCC1
16
VCC2
2,8
9,15
GND1
GND2
23
20
19
28
8
7
27
0.1F
P3.1
P3.0
CLK
SOMI
13
11
12
14
4
2
MSP430
F2132
DVss
DVcc
0.1F
14
13
OUTD
3
4
5
6
0.1F
NC
EN
7
10
12
11
OUTC
IND
INC
1
VCC1
16
VCC2
2,8
9,15
GND1
GND2
0.1F
ISO7340
ISO7341
5VISO
5VISO
3.3V
3.3V
P3.7
P3.6
18
17
3.3V
22
AVDD
AGND
21
5VISO
0.1F
AIN2-
13
14
17
16
15
11
12
18
INA
INB
OUTB
OUTA
OUTA
OUTB
1
0.1F
0.1F
5VISO
5VISO
Thermo
couple
Current
shunt
RTD
Bridge
XOUT
XIN
5
6
P3.4
15
P3.5
16
ADS1234
ISO-BARRIER
ISO7340C, ISO7340FC, ISO7341C, ISO7341FC, ISO7342C, ISO7342FC
SLLSEI6E – SEPTEMBER 2014 – REVISED APRIL 2015
www.ti.com
9 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
ISO734x use single-ended TTL-logic switching technology. Its supply voltage range is from 3 V to 5.5 V for both
supplies, VCC1 and VCC2. When designing with digital isolators, it is important to note that due to the single-ended
design structure, digital isolators do not conform to any specific interface standard and are only intended for
isolating single-ended CMOS or TTL digital signal lines. The isolator is typically placed between the data
controller (that is,
μC or UART), and a data converter or a line transceiver, regardless of the interface type or
standard.
9.2 Typical Application
9.2.1 Isolated Data Acquisition System for Process Control
ISO734x combined with Texas Instruments' precision analog-to-digital converter and mixed signal micro-
controller can create an advanced isolated data acquisition system as shown in Figure 20.
Figure 20. Isolated Data Acquisition System for Process Control
20
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ISO7340C ISO7340FC ISO7341C ISO7341FC ISO7342C ISO7342FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com