Electronic Components Datasheet Search
  English  ▼

X  

ISO7340C Datasheet(PDF) 18 Page - Texas Instruments

Part # ISO7340C
Description  ISO734x Robust EMC, Low Power, Quad-Channel Digital Isolators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7340C Datasheet(HTML) 18 Page - Texas Instruments

Back Button ISO7340C_15 Datasheet HTML 14Page - Texas Instruments ISO7340C_15 Datasheet HTML 15Page - Texas Instruments ISO7340C_15 Datasheet HTML 16Page - Texas Instruments ISO7340C_15 Datasheet HTML 17Page - Texas Instruments ISO7340C_15 Datasheet HTML 18Page - Texas Instruments ISO7340C_15 Datasheet HTML 19Page - Texas Instruments ISO7340C_15 Datasheet HTML 20Page - Texas Instruments ISO7340C_15 Datasheet HTML 21Page - Texas Instruments ISO7340C_15 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Case Temperature (GC)
0
50
100
150
200
0
100
200
300
400
500
D009
VCC1 = VCC2 = 3.6 V
VCC1 = VCC2 = 5.5 V
ISO7340C, ISO7340FC, ISO7341C, ISO7341FC, ISO7342C, ISO7342FC
SLLSEI6E – SEPTEMBER 2014 – REVISED APRIL 2015
www.ti.com
8.3.1.4 Safety Limiting Values
Safety limiting intends to prevent potential damage to the isolation barrier upon failure of input or output circuitry. A failure of
the I/O can allow low resistance to ground or the supply and, without current limiting, dissipate sufficient power to overheat
the die and damage the isolation barrier, potentially leading to secondary system failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RθJA = 78.4 °C/W, VI = 5.5 V, TJ = 150°C, TA = 25°C
290
Safety input, output, or supply
IS
mA
current
RθJA = 78.4 °C/W, VI = 3.6 V, TJ = 150°C, TA = 25°C
443
TS
Maximum case temperature
150
°C
The safety-limiting constraint is the absolute-maximum junction temperature specified in the Absolut Maximun
Ratings table. The power dissipation and junction-to-air thermal impedance of the device installed in the
application hardware determines the junction temperature. The assumed junction-to-air thermal resistance in the
Thermal Information table is that of a device installed on a High-K Test Board for Leaded Surface-Mount
Packages. The power is the recommended maximum input voltage times the current. The junction temperature is
then the ambient temperature plus the power times the junction-to-air thermal resistance.
Figure 18.
θJC Thermal Derating Curve per DIN V VDE 0884-10
8.4 Device Functional Modes
ISO734x functional modes are shown in Table 2.
Table 2. Function Table(1)
OUTPUT
INPUT
OUTPUT ENABLE
(OUTx)
VCCI
VCCO
(INx)
(ENx)
ISO734xC
ISO734xFC
H
H or Open
H
H
L
H or Open
L
L
PU
PU
X
L
Z
Z
Open
H or Open
H(2)
L(3)
PD
PU
X
H or Open
H(2)
L(3)
X
PU
X
L
Z
Z
X
PD
X
X
Undetermined
Undetermined
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC; PU = Powered up (VCC ≥ 3 V); PD = Powered down (VCC ≤ 2.1 V); X = Irrelevant; H =
High level; L = Low level ; Z = High Impedance
(2)
In fail-safe condition, output defaults to high level
(3)
In fail-safe condition, output defaults to low level
18
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ISO7340C ISO7340FC ISO7341C ISO7341FC ISO7342C ISO7342FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com