Electronic Components Datasheet Search
  English  ▼

X  

ISO7340C Datasheet(PDF) 9 Page - Texas Instruments

Part # ISO7340C
Description  ISO734x Robust EMC, Low Power, Quad-Channel Digital Isolators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7340C Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO7340C_15 Datasheet HTML 5Page - Texas Instruments ISO7340C_15 Datasheet HTML 6Page - Texas Instruments ISO7340C_15 Datasheet HTML 7Page - Texas Instruments ISO7340C_15 Datasheet HTML 8Page - Texas Instruments ISO7340C_15 Datasheet HTML 9Page - Texas Instruments ISO7340C_15 Datasheet HTML 10Page - Texas Instruments ISO7340C_15 Datasheet HTML 11Page - Texas Instruments ISO7340C_15 Datasheet HTML 12Page - Texas Instruments ISO7340C_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
ISO7340C, ISO7340FC, ISO7341C, ISO7341FC, ISO7342C, ISO7342FC
www.ti.com
SLLSEI6E – SEPTEMBER 2014 – REVISED APRIL 2015
6.7 Electrical Characteristics
VCC1 and VCC2 at 3.3 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = –4 mA; see Figure 13
VCCO
(1)– 0.5
3
VOH
High-level output voltage
V
IOH = –20 μA; see Figure 13
VCCO
(1)– 0.1
3.3
IOL = 4 mA; see Figure 13
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 μA; see Figure 13
0
0.1
VI(HYS)
Input threshold voltage hysteresis
450
mV
IIH
High-level input current
VIH = VCC at INx or ENx
10
μA
IIL
Low-level input current
VIL = 0 V at INx or ENx
-10
CMTI
Common-mode transient immunity
VI = VCC or 0 V; see Figure 16
25
50
kV/
μs
Supply Current (All inputs switching with square wave clock signal for dynamic ICC measurement)
ISO7340
ICC1
0.4
0.7
Disable
EN = 0 V
ICC2
0.3
0.6
ICC1
0.4
0.7
DC to 1 Mbps
ICC2
2.3
3.6
Supply current
mA
DC Signal: VI = VCC or 0 V,
ICC1
0.9
1.3
10 Mbps
AC Signal: All channels switching with
ICC2
3.9
5.1
square wave clock input; CL = 15 pF
ICC1
1.6
2.4
25 Mbps
ICC2
6.3
8
ISO7341
ICC1
0.6
1
Disable
EN1 = EN2 = 0 V
ICC2
0.5
0.8
ICC1
1.4
2.3
DC to 1 Mbps
ICC2
2.2
3.2
Supply current
mA
DC Signal: VI = VCC or 0 V,
ICC1
2.2
3
10 Mbps
AC Signal: All channels switching with
ICC2
3.4
4.5
square wave clock input; CL = 15 pF
ICC1
3.3
4.7
25 Mbps
ICC2
5.2
7.2
ISO7342
ICC1, ICC2
Disable
EN1 = EN2 = 0 V
0.5
0.9
ICC1, ICC2
DC to 1 Mbps
1.8
2.8
DC Signal: VI = VCC or 0 V,
Supply current
mA
ICC1, ICC2
10 Mbps
AC Signal: All channels switching with
2.8
4
square wave clock input; CL = 15 pF
ICC1, ICC2
25 Mbps
4.3
5.8
(1)
VCCO is supply voltage, VCC1 or VCC2, for the output channel being measured.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ISO7340C ISO7340FC ISO7341C ISO7341FC ISO7342C ISO7342FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com