Electronic Components Datasheet Search
  English  ▼

X  

ISO7340C Datasheet(PDF) 22 Page - Texas Instruments

Part # ISO7340C
Description  ISO734x Robust EMC, Low Power, Quad-Channel Digital Isolators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7340C Datasheet(HTML) 22 Page - Texas Instruments

Back Button ISO7340C_15 Datasheet HTML 18Page - Texas Instruments ISO7340C_15 Datasheet HTML 19Page - Texas Instruments ISO7340C_15 Datasheet HTML 20Page - Texas Instruments ISO7340C_15 Datasheet HTML 21Page - Texas Instruments ISO7340C_15 Datasheet HTML 22Page - Texas Instruments ISO7340C_15 Datasheet HTML 23Page - Texas Instruments ISO7340C_15 Datasheet HTML 24Page - Texas Instruments ISO7340C_15 Datasheet HTML 25Page - Texas Instruments ISO7340C_15 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
ISO7342
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
INA
INB
INC
OUTD
OUTA
OUTB
OUTC
IND
GND2
VCC2
0.1 µF
2 mm max
from VCC2
EN2
GND2
EN1
GND1
2 mm max
from VCC1
GND1
0.1 µF
VCC1
ISO7340C, ISO7340FC, ISO7341C, ISO7341FC, ISO7342C, ISO7342FC
SLLSEI6E – SEPTEMBER 2014 – REVISED APRIL 2015
www.ti.com
Typical Application (continued)
Figure 23. Typical ISO7342 Circuit Hook-up
9.2.1.2.1
Electromagnetic Compatibility (EMC) Considerations
Many applications in harsh industrial environment are sensitive to disturbances such as electrostatic discharge
(ESD), electrical fast transient (EFT), surge and electromagnetic emissions. These electromagnetic disturbances
are regulated by international standards such as IEC 61000-4-x and CISPR 22. Although system-level
performance and reliability depends, to a large extent, on the application board design and layout, the ISO734x
incorporate many chip-level design improvements for overall system robustness. Some of these improvements
include:
•
Robust ESD protection cells for input and output signal pins and inter-chip bond pads.
•
Low-resistance connectivity of ESD cells to supply and ground pins.
•
Enhanced performance of high voltage isolation capacitor for better tolerance of ESD, EFT and surge events.
•
Bigger on-chip decoupling capacitors to bypass undesirable high energy signals through a low impedance
path.
•
PMOS and NMOS devices isolated from each other by using guard rings to avoid triggering of parasitic
SCRs.
•
Reduced common mode currents across the isolation barrier by ensuring purely differential internal operation.
9.2.1.3 Application Performance Curves
Typical eye diagrams of ISO734x indicate low jitter and wide open eye at the maximum data rate of 25 Mbps.
Figure 24. Eye Diagram at 25 Mbps, 5 V and 25°C
Figure 25. Eye Diagram at 25 Mbps, 3.3 V and 25°C
22
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ISO7340C ISO7340FC ISO7341C ISO7341FC ISO7342C ISO7342FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com