Electronic Components Datasheet Search
  English  ▼

X  

ISO7340C Datasheet(PDF) 10 Page - Texas Instruments

Part # ISO7340C
Description  ISO734x Robust EMC, Low Power, Quad-Channel Digital Isolators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7340C Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO7340C_15 Datasheet HTML 6Page - Texas Instruments ISO7340C_15 Datasheet HTML 7Page - Texas Instruments ISO7340C_15 Datasheet HTML 8Page - Texas Instruments ISO7340C_15 Datasheet HTML 9Page - Texas Instruments ISO7340C_15 Datasheet HTML 10Page - Texas Instruments ISO7340C_15 Datasheet HTML 11Page - Texas Instruments ISO7340C_15 Datasheet HTML 12Page - Texas Instruments ISO7340C_15 Datasheet HTML 13Page - Texas Instruments ISO7340C_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
ISO7340C, ISO7340FC, ISO7341C, ISO7341FC, ISO7342C, ISO7342FC
SLLSEI6E – SEPTEMBER 2014 – REVISED APRIL 2015
www.ti.com
6.8 Switching Characteristics
VCC1 and VCC2 at 3.3 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
22
35
66
See Figure 13
PWD(1)
Pulse width distortion |tPHL – tPLH|
2.5
Same-direction Channels
3
ns
tsk(o)
(2)
Channel-to-channel output skew time
Opposite-direction Channels
16
tsk(pp)
(3)
Part-to-part skew time
28
tr
Output signal rise time
2.8
See Figure 13
ns
tf
Output signal fall time
2.1
tPHZ
Disable Propagation Delay, high-to-high impedance output
9
18
tPLZ
Disable Propagation Delay, low-to-high impedance output
9
18
ISO734xC
9
18
Enable Propagation Delay, high impedance-
tPZH
See Figure 14
ns
to-high output
ISO734xFC
16
24000(4)
ISO734xC
16
24000(4)
Enable Propagation Delay, high impedance-
tPZL
to-low output
ISO734xFC
9
18
tfs
Fail-safe output delay time from input power loss
See Figure 15
9.4
μs
(1)
Also known as Pulse Skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
(4)
The enable signal rate should be
≤ 45 Kbps.
10
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ISO7340C ISO7340FC ISO7341C ISO7341FC ISO7342C ISO7342FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com