Electronic Components Datasheet Search
  English  ▼

X  

TSI340 Datasheet(PDF) 34 Page - Integrated Device Technology

Part # TSI340
Description  This chapter discusses the following topics about the Tsi340
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

TSI340 Datasheet(HTML) 34 Page - Integrated Device Technology

Back Button TSI340 Datasheet HTML 30Page - Integrated Device Technology TSI340 Datasheet HTML 31Page - Integrated Device Technology TSI340 Datasheet HTML 32Page - Integrated Device Technology TSI340 Datasheet HTML 33Page - Integrated Device Technology TSI340 Datasheet HTML 34Page - Integrated Device Technology TSI340 Datasheet HTML 35Page - Integrated Device Technology TSI340 Datasheet HTML 36Page - Integrated Device Technology TSI340 Datasheet HTML 37Page - Integrated Device Technology TSI340 Datasheet HTML 38Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 149 page
background image
2. PCI Interface
34
Tsi340 User Manual
80E3000_MA001_05
Integrated Device Technology
www.idt.com
2.3.1
Type 0 Access to Tsi340
Tsi340 configuration space is accessed by a Type 0 configuration transaction on the primary interface.
Tsi340 configuration space cannot be accessed from the secondary bus. Tsi340 responds to a Type 0
configuration transaction by asserting P_DEVSEL_b when the following conditions are met during the
address phase:
•
The bus command is a configuration read or configuration write transaction
•
Low 2 address bits P_AD<1:0> must be 00b
•
Signal P_IDSEL must be asserted.
Tsi340 limits all configuration accesses to a single Dword data transfer and returns a target disconnect
with the first data transfer if additional data phases are requested. Because read transactions to Tsi340
configuration space do not have side effects, all bytes in the requested Dword are returned, regardless
of the value of the byte enable bits.
Type 0 configuration write and read transactions do not use Tsi340 data buffers; that is, these
transactions are completed immediately, regardless of the state of the data buffers.
2.3.2
Type 1 to Type 0 Translation
Type 1 configuration transactions are used specifically for device configuration in a hierarchical PCI
bus system. A PCI-to-PCI bridge, such as the Tsi340, is the only type of device that should respond to
a Type 1 configuration command. Type 1 configuration commands are used when the configuration
access is intended for a PCI device that resides on a PCI bus other than the one where the Type 1
transaction is generated.
Tsi340 performs a Type 1 to Type 0 translation when the Type 1 transaction is generated on the primary
bus and is intended for a device attached directly to the secondary bus. Tsi340 must convert the
configuration command to a Type 0 format so that the secondary bus device can respond to it. Type 1 to
Type 0 translations are performed only in the downstream direction; that is, Tsi340 generates a Type 0
transaction only on the secondary bus, and never on the primary bus.
Tsi340 forwards Type 1 to Type 0 configuration read or write transactions as delayed transactions. Type
1 to Type 0 configuration read or write transactions are limited to a single 32-bit data transfer.
2.3.2.1
Address Phase Requirements
Tsi340 responds to a Type 1 configuration transaction and translates it into a Type 0 transaction on the
secondary bus when the following conditions are met during the address phase:
•
The lower two address bits on P_AD<1:0> are 01b.
•
The bus number in address field P_AD<23:16> is equal to the value in the secondary bus number
register in Tsi340 configuration space.
The function code is ignored because Tsi340 is a single-function device.
Tsi340 ignores all Type 0 transactions initiated on the secondary interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com