Electronic Components Datasheet Search
  English  ▼

X  

TSI340 Datasheet(PDF) 51 Page - Integrated Device Technology

Part # TSI340
Description  This chapter discusses the following topics about the Tsi340
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

TSI340 Datasheet(HTML) 51 Page - Integrated Device Technology

Back Button TSI340 Datasheet HTML 47Page - Integrated Device Technology TSI340 Datasheet HTML 48Page - Integrated Device Technology TSI340 Datasheet HTML 49Page - Integrated Device Technology TSI340 Datasheet HTML 50Page - Integrated Device Technology TSI340 Datasheet HTML 51Page - Integrated Device Technology TSI340 Datasheet HTML 52Page - Integrated Device Technology TSI340 Datasheet HTML 53Page - Integrated Device Technology TSI340 Datasheet HTML 54Page - Integrated Device Technology TSI340 Datasheet HTML 55Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 149 page
background image
3. Address Decoding
51
Tsi340 User Manual
80E3000_MA001_05
Integrated Device Technology
www.idt.com
The prefetchable memory address range has a granularity and alignment of 1 MB. The maximum
memory address range is 4 GB when 32-bit addressing is used, and above 4 GB when 64-bit addressing
is used. The prefetchable memory address range is defined by a 16-bit prefetchable memory base
address register at configuration offset 24h and by a 16-bit prefetchable memory limit address register
at offset 0x26. The top 12 bits of each of these registers correspond to bits <31:20> of the memory
address. The low 4 bits are hardwired to 1h, indicating 64-bit address support. The low 20 bits of the
prefetchable memory base address are assumed to be 0 0000h, which results in a natural alignment to a
1 MB boundary. The low 20 bits of the prefetchable memory limit address are assumed to be 0xFFFFF,
which results in an alignment to the top of a 1 MB block.
To turn off the prefetchable memory address range, write the prefetchable memory base address
register with a value greater than that of the prefetchable memory limit address register. The entire base
value must be greater than the entire limit value, meaning that the upper 32 bits must be considered.
Therefore, to disable the address range, the upper 32 bits registers can both be set to the same value,
while the lower base register is set greater than the lower limit register; otherwise, the upper 32-bit base
must be greater than the upper 32-bit limit.
The initial state of the prefetchable memory base address register is 0x0000 0000. The initial
state of the prefetchable memory limit address register is 0x000F FFFF. Note that the initial
states of these registers define a prefetchable memory range at the bottom 1 MB block of
memory. Write these registers with their appropriate values before setting either the memory
enable bit or the master enable bit in the command register in configuration space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com