Electronic Components Datasheet Search
  English  ▼

X  

TSI340 Datasheet(PDF) 39 Page - Integrated Device Technology

Part # TSI340
Description  This chapter discusses the following topics about the Tsi340
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

TSI340 Datasheet(HTML) 39 Page - Integrated Device Technology

Back Button TSI340 Datasheet HTML 35Page - Integrated Device Technology TSI340 Datasheet HTML 36Page - Integrated Device Technology TSI340 Datasheet HTML 37Page - Integrated Device Technology TSI340 Datasheet HTML 38Page - Integrated Device Technology TSI340 Datasheet HTML 39Page - Integrated Device Technology TSI340 Datasheet HTML 40Page - Integrated Device Technology TSI340 Datasheet HTML 41Page - Integrated Device Technology TSI340 Datasheet HTML 42Page - Integrated Device Technology TSI340 Datasheet HTML 43Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 149 page
background image
2. PCI Interface
39
Tsi340 User Manual
80E3000_MA001_05
Integrated Device Technology
www.idt.com
2.4.1.1
Master Latency Timer Expiration
If Tsi340 is delivering posted write data when it terminates the transaction because the master latency
timer expires, it initiates another transaction to deliver the remaining write data. The address of the
transaction is updated to reflect the address of the current Dword to be delivered. If Tsi340 is
prefetching read data when it terminates the transaction because the master latency timer expires, it
does not repeat the transaction to obtain more data.
2.4.2
Master Abort Received by Tsi340
If Tsi340 initiates a transaction on the target bus and does not detect DEVSEL# returned by the target
within five clock cycles of Tsi340’s assertion of FRAME#, Tsi340 terminates the transaction with a
master abort. Tsi340 sets the received master abort bit in the status register corresponding to the target
bus.
For delayed read and write transactions, when the master abort mode bit in the “Bridge Control
Register—Offset 0x3C” on page 122 is 0, Tsi340 returns TRDY# on the initiator bus and, for read
transactions, returns FFFF_FFFFh as data. When the master abort mode bit is 1, Tsi340 returns target
abort on the initiator bus. Tsi340 also sets the signaled target abort bit in the register corresponding to
the initiator bus.
When a master abort is received in response to a posted write transaction, Tsi340 discards the posted
write data and makes no more attempts to deliver the data. Tsi340 sets the received master abort bit in
the status register when the master abort is received on the primary bus, or it sets the received master
abort bit in the secondary status register when the master abort is received on the secondary interface.
When a master abort is detected in response to a posted write transaction, and the master abort mode bit
is set, the Tsi340 also asserts P_SERR_b. The functionality must be enabled by the SERR# enable bit
in the command register and not be disabled by the device-specific P_SERR_b disable bit for master
abort during posted write transactions (that is, master abort mode = 1; SERR# enable bit = 1; and
P_SERR_b disable bit for master aborts = 0.)
2.4.3
Target Termination Received by Tsi340
When Tsi340 initiates a transaction on the target bus and the target responds with DEVSEL#, the target
can end the transaction with one of the following types of termination:
•
Normal termination (upon deassertion of FRAME#)
•
Target retry
•
Target disconnect
•
Target abort
Tsi340 handles these terminations in different ways, depending on the type of transaction being
performed.
When Tsi340 performs a Type 1 to special cycle translation, a master abort is the expected
termination for the special cycle on the target bus. In this case, the master abort received bit is
not set, and the Type 1 configuration transaction is disconnected after the first data phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com