Electronic Components Datasheet Search
  English  ▼

X  

TSI340 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # TSI340
Description  This chapter discusses the following topics about the Tsi340
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

TSI340 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button TSI340 Datasheet HTML 9Page - Integrated Device Technology TSI340 Datasheet HTML 10Page - Integrated Device Technology TSI340 Datasheet HTML 11Page - Integrated Device Technology TSI340 Datasheet HTML 12Page - Integrated Device Technology TSI340 Datasheet HTML 13Page - Integrated Device Technology TSI340 Datasheet HTML 14Page - Integrated Device Technology TSI340 Datasheet HTML 15Page - Integrated Device Technology TSI340 Datasheet HTML 16Page - Integrated Device Technology TSI340 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 149 page
background image
13
Tsi340 User Manual
80E3000_MA001_05
Integrated Device Technology
www.idt.com
About this Document
This section discusses the following topics:
•
“Scope” on page 13
•
“Document Conventions” on page 13
•
“Revision History” on page 14
Scope
The Tsi340 PCI-to-PCI Bridge User Manual discusses the features, capabilities, and configuration
requirements for the Tsi340. It is intended for hardware and software engineers who are designing
system interconnect applications with the device.
Document Conventions
This document uses the following conventions.
Non-differential Signal Notation
Non-differential signals are either active-low or active-high. An active-low signal has an active state of
logic 0 (or the lower voltage level), and is denoted by a lowercase “_b”. An active-high signal has an
active state of logic 1 (or the higher voltage level), and is not denoted by a special character. The
following table illustrates the non-differential signal naming convention.
Object Size Notation
•A byte is an 8-bit object.
•A word is a 16-bit object.
•A doubleword (Dword) is a 32-bit object.
Numeric Notation
•
Hexadecimal numbers are denoted by the prefix 0x (for example, 0x04).
State
Single-line signal
Multi-line signal
Active low
NAME_b
NAME_b[3]
Active high
NAME
NAME[3]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com