Electronic Components Datasheet Search
  English  ▼

X  

TSI340 Datasheet(PDF) 49 Page - Integrated Device Technology

Part # TSI340
Description  This chapter discusses the following topics about the Tsi340
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

TSI340 Datasheet(HTML) 49 Page - Integrated Device Technology

Back Button TSI340 Datasheet HTML 45Page - Integrated Device Technology TSI340 Datasheet HTML 46Page - Integrated Device Technology TSI340 Datasheet HTML 47Page - Integrated Device Technology TSI340 Datasheet HTML 48Page - Integrated Device Technology TSI340 Datasheet HTML 49Page - Integrated Device Technology TSI340 Datasheet HTML 50Page - Integrated Device Technology TSI340 Datasheet HTML 51Page - Integrated Device Technology TSI340 Datasheet HTML 52Page - Integrated Device Technology TSI340 Datasheet HTML 53Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 149 page
background image
3. Address Decoding
49
Tsi340 User Manual
80E3000_MA001_05
Integrated Device Technology
www.idt.com
3.4
Memory Address Decoding
Tsi340 has three mechanisms for defining memory address ranges for forwarding of memory
transactions:
•
Memory-mapped I/O base and limit address registers
•
Prefetchable memory base and limit address registers
•
VGA mode
To enable downstream forwarding of memory transactions, the memory enable bit must be set in the
command register in Tsi340 configuration space (see “Primary Command Register—Offset 0x04” on
page 108). To enable upstream forwarding of memory transactions, the master enable bit must be set in
the command register (see “Primary Command Register—Offset 0x04” on page 108). Setting the
master enable bit also allows upstream forwarding of I/O transactions.
3.4.1
Memory-Mapped I/O Base and Limit Address Registers
Memory-mapped I/O is also referred to as non-prefetchable memory. Memory addresses that cannot
automatically be prefetched but that can conditionally prefetch based on command type should be
mapped into this space. Read transactions to non-prefetchable space may exhibit side effects; this space
may have non-memory-like behavior. Tsi340 prefetches in this space only if the memory read line or
memory read multiple commands are used; transactions using the memory read command are limited
to a single data transfer.
The memory-mapped I/O base address and memory-mapped I/O limit address registers define an
address range that Tsi340 uses to determine when to forward memory commands. Tsi340 forwards a
memory transaction from the primary to the secondary interface if the transaction address falls within
the memory-mapped I/O address range. Tsi340 ignores memory transactions initiated on the secondary
interface that fall into this address range. Any transactions that fall outside this address range are
ignored on the primary interface and are forwarded upstream from the secondary interface (provided
that they do not fall into the prefetchable memory range or are not forwarded downstream by the VGA
mechanism).
The memory-mapped I/O range supports 32-bit addressing only. The PCI-to-PCI Bridge Architecture
Specification does not provide for 64-bit addressing in the memory-mapped I/O space. The
memory-mapped I/O address range has a granularity and alignment of 1 MB. The maximum
memory-mapped I/O address range is 4 GB.
If any Tsi340 configuration state affecting memory transaction forwarding is changed by
configuration write operation on the primary bus at the same time that memory transactions
are ongoing on the secondary bus, Tsi340 response to the secondary bus memory transactions
is not predictable.
Configure the memory-mapped I/O base and limit address registers, prefetchable memory
base and limit address registers, and VGA enable bit before setting the memory enable and
master enable bits, and change them subsequently only when the primary and secondary PCI
buses are idle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com