Electronic Components Datasheet Search
  English  ▼

X  

AMC7823 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7823
Description  ANALOG MONITORING AND CONTROL CIRCUIT
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7823 Datasheet(HTML) 45 Page - Texas Instruments

Back Button AMC7823 Datasheet HTML 41Page - Texas Instruments AMC7823 Datasheet HTML 42Page - Texas Instruments AMC7823 Datasheet HTML 43Page - Texas Instruments AMC7823 Datasheet HTML 44Page - Texas Instruments AMC7823 Datasheet HTML 45Page - Texas Instruments AMC7823 Datasheet HTML 46Page - Texas Instruments AMC7823 Datasheet HTML 47Page - Texas Instruments AMC7823 Datasheet HTML 48Page - Texas Instruments AMC7823 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
AMC7823
www.ti.com
SLAS453F – APRIL 2005 – REVISED MARCH 2012
To avoid loss of alarm information in bits IOST-n during power-down of the ADC, change to direct conversion
mode (see ADC Control Register) before power-down and do not issue a convert command while the ADC is
powered down.
NOTE: When GPIO-n works as a general-purpose I/O pin, bit IOST-n does not change during the power-down
procedure.
After power-on or reset, all bits in the GPIO Register are set to '1'. All GPIO pins are configured as general I/O
pins and are in high-impedance state.
THRESHOLD REGISTERS
Threshold-Hi-n and Threshold-Low-n (n = 0, 1, 2, 3) define the upper bound and lower bound of the nth analog
input range. (See Table 2.) This window determines whether the nth input is out-of-range. When the input is
outside the window, the corresponding bit ALR-n in the ALR Register is set to '1'.
For normal operation, the value of Threshold-Hi-n must be greater than the value of Threshold-Low-n; otherwise,
ALR-n is always set to '1' and an alarm is indicated.
Threshold-Hi-n Registers (n = 0, 1, 2, 3) (Read/Write)
Bit 15
Bit 0
MSB
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
0
0
0
0
THRH
THRH
THRH
THRH
THRH
THRH
THRH
THRH
THRH
THRH
THRH
THRH
11
10
9
8
7
6
5
4
3
2
1
0
Bits [15:12] (READ-
'0' when read back. Writing these bits causes no change.
ONLY)
THRH11–THRH0
Data bits of the upper bound threshold of the nth analog input. All bits are set to '1'
after power-on or reset.
Threshold-Low-n Registers (n = 0, 1, 2, 3) (Read/Write)
Bit 15
Bit 0
MSB
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
0
0
0
0
THRL1 THRL1 THRL9 THRL8 THRL7 THRL6 THRL5 THRL4 THRL3 THRL2 THRL1 THRL0
1
0
Bits [15:12] (READ-
Always '0' when read back. Writing these bits causes no change.
ONLY)
THRL11–THRL0
Data bits of the lower bound threshold of the nth analog input. This register is
cleared to '0' after power-on or reset.
RESET REGISTER (Read/Write)
The AMC7823 has a special RESET Register that performs the software equivalent function of the device
RESET pin. To invoke a system reset, write the data word 0xBB3X to this register. Only the upper 12 bits are
significant; the lowest four bits are Don’t Care.
Bit 15
Bit 0
MSB
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
1
0
1
1
1
0
1
1
0
0
1
1
X
X
X
X
X : Don't Care
Any other value written to this register has no effect. After power-on or reset, this register is cleared to all zeros.
Therefore, the value 0x0000 is always read back from this register.
Copyright © 2005–2012, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Link(s): AMC7823



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com