Electronic Components Datasheet Search
  English  ▼

X  

AMC7823 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7823
Description  ANALOG MONITORING AND CONTROL CIRCUIT
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7823 Datasheet(HTML) 32 Page - Texas Instruments

Back Button AMC7823 Datasheet HTML 28Page - Texas Instruments AMC7823 Datasheet HTML 29Page - Texas Instruments AMC7823 Datasheet HTML 30Page - Texas Instruments AMC7823 Datasheet HTML 31Page - Texas Instruments AMC7823 Datasheet HTML 32Page - Texas Instruments AMC7823 Datasheet HTML 33Page - Texas Instruments AMC7823 Datasheet HTML 34Page - Texas Instruments AMC7823 Datasheet HTML 35Page - Texas Instruments AMC7823 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
10kW
A1
A2
21
Bufferand
Controller
Bandgap
Reference
ToPrecision
CurrentSource
ToADC
1.25V
2.5V
Bit
GREF=0
Bit
SREF=1
(Refertodiagram
ofCurrentSource,
Figure49)
CFilter
ToDACs
AMC7823
SLAS453F – APRIL 2005 – REVISED MARCH 2012
www.ti.com
REFERENCE
The AMC7823 requires a reference voltage to drive the ADC, the DACs, and the precision current source. It can
accommodate the application of an external reference voltage, or it can supply reference from an internal
bandgap voltage circuit as shown in Figure 48. Pin 21, EXT_REF_IN, is common to either source. An internal
10k
Ω resistor connects the internal reference source to pin 21. This pin provides a point for noise filtering by
placing a capacitor, if desired, from the pin to analog ground. The time constant of this filter is [ (10k
Ω) ×
(CFILTER) ]. The resistor also allows an external reference applied to pin 21 to override the internal reference,
provided it can drive the 10k
Ω load. The filter capacitor can be 10μF when the internal reference is selected.
When using an external reference, it is recommended to use a buffered reference (such as the REF5025).
Figure 48. Reference
Logic bits SREF and GREF of the AMC Status/Configuration Register specify operation of the internal reference
and also should be considered when applying an external reference, as explained below. These bits also provide
information to the precision current source and are used in configuring that source (refer to the Precision Current
Source section for details).
When SREF is cleared to '0' (the default or power-on reset condition), the internal reference is selected and
connected to pin 21 by the 10k
Ω resistor. When SREF is set to '1', the internal reference is de-selected and
disconnected from pin 21. Pin 21 then floats unless an external reference is applied.
The bit GREF selects one of two pre-set values for the internal reference voltage. When GREF is cleared to '0',
the internal reference voltage is +1.25V. When GREF is set to '1', the internal reference voltage is +2.5V.
It is recommended to always set SREF to '1' when using an external source; otherwise, the external reference
must sink or source a current of value equal to the difference in the reference voltages divided by 10k
Ω. For
example, if SREF and GREF are both cleared to '0' and a 2.5V external reference is applied, the AMC7823 must
unnecessarily sink 125
μA.
32
Submit Documentation Feedback
Copyright © 2005–2012, Texas Instruments Incorporated
Product Folder Link(s): AMC7823



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com