Electronic Components Datasheet Search
  English  ▼

X  

AMC7823 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7823
Description  ANALOG MONITORING AND CONTROL CIRCUIT
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7823 Datasheet(HTML) 17 Page - Texas Instruments

Back Button AMC7823 Datasheet HTML 13Page - Texas Instruments AMC7823 Datasheet HTML 14Page - Texas Instruments AMC7823 Datasheet HTML 15Page - Texas Instruments AMC7823 Datasheet HTML 16Page - Texas Instruments AMC7823 Datasheet HTML 17Page - Texas Instruments AMC7823 Datasheet HTML 18Page - Texas Instruments AMC7823 Datasheet HTML 19Page - Texas Instruments AMC7823 Datasheet HTML 20Page - Texas Instruments AMC7823 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
6.0
5.0
4.0
3.0
2.0
1.0
0
0
2
4
6
8
10
12
14
16
18
20
Sourcing or Sinking Current (mA)
Sourcing Current
Sinking Current
AV
DD = 5V
V
REF = 2.5V
Gain = +2
3.0
2.5
2.0
1.5
1.0
0.5
0
0
2
4
6
8
10
12
14
16
18
20
Sourcing or Sinking Current (mA)
Sourcing Current
Sinking Current
AV
DD = 2.7V
V
REF = 1.25V
Gain = +2
Input
Code 3932
Settling
Detail
C
L = 10pF
R
L= 10kΩ
V
REF = 2.5V
Code 256
Time (1
µs/div)
Input
Code 4095
Settling
Detail
Code 512
Time (1
µs/div)
C
L = 10pF
R
L= 10kΩ
V
REF = 2.5V
5V
DAC Output
AVDD, DVDD,
BVDD, RESET
0V
0V
Time (100
µs/div)
AMC7823
www.ti.com
SLAS453F – APRIL 2005 – REVISED MARCH 2012
TYPICAL CHARACTERISTICS: DIGITAL-TO-ANALOG CONVERTER (DAC) (continued)
At +25°C, AVDD = DVDD = 5V, unless otherwise noted.
VOUT vs
VOUT vs
SOURCING AND SINKING CURRENT
SOURCING AND SINKING CURRENT
Figure 29.
Figure 30.
DAC SETTLING TIME
DAC SETTLING TIME
(GAIN = +2)
(GAIN = +1)
Figure 31.
Figure 32.
DAC POWER-ON RESET
TO 0V
Figure 33.
Copyright © 2005–2012, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): AMC7823



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com