Electronic Components Datasheet Search
  English  ▼

X  

AMC7823 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7823
Description  ANALOG MONITORING AND CONTROL CIRCUIT
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7823 Datasheet(HTML) 22 Page - Texas Instruments

Back Button AMC7823 Datasheet HTML 18Page - Texas Instruments AMC7823 Datasheet HTML 19Page - Texas Instruments AMC7823 Datasheet HTML 20Page - Texas Instruments AMC7823 Datasheet HTML 21Page - Texas Instruments AMC7823 Datasheet HTML 22Page - Texas Instruments AMC7823 Datasheet HTML 23Page - Texas Instruments AMC7823 Datasheet HTML 24Page - Texas Instruments AMC7823 Datasheet HTML 25Page - Texas Instruments AMC7823 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
AMC7823
SLAS453F – APRIL 2005 – REVISED MARCH 2012
www.ti.com
AMC7823 MEMORY MAP
The AMC7823 has several 16-bit registers separated into two pages of memory, Page 0 and Page 1. The
memory map is shown in Table 2. Locations that are marked Reserved read back 0x0000 if they are read by the
host. Writing to these locations has no effect. Figure 40 explains the Read/Write operation.
Table 2. AMC7823 Memory Map
Page 0: Data/Status Registers
Page 1: Control/Setting Registers
Address
R/W
Default
Register Name
Address
R/W
Default
Register Name
00
R
0x0000
ADC-0 Data
00
R/W
0x0000
DAC-0 Data
01
R
0x0000
ADC-1 Data
01
R/W
0x0000
DAC-1 Data
02
R
0x0000
ADC-2 Data
02
R/W
0x0000
DAC-2 Data
03
R
0x0000
ADC-3 Data
03
R/W
0x0000
DAC-3 Data
04
R
0x0000
ADC-4 Data
04
R/W
0x0000
DAC-4 Data
05
R
0x0000
ADC-5 Data
05
R/W
0x0000
DAC-5 Data
06
R
0x0000
ADC-6 Data
06
R/W
0x0000
DAC-6 Data
07
R
0x0000
ADC-7 Data
07
R/W
0x0000
DAC-7 Data
08
R
0x0000
ADC-8 Data
08
R/W
0x0000
LOAD DAC
09
R
0x0000
ALR Register
09
R/W
0x0000
DAC Configuration
0A
R/W
0xFFFF
GPIO Register
0A
R/W
0x4000
AMC Status/Configuration
0B
Reserved
0B
R/W
0x0000
ADC Control
0C
Reserved
0C
R/W
0x0000
RESET
0D
Reserved
0D
R/W
0x0000
Power-Down
0E
Reserved
0E
R/W
0x0FFF
Threshold-Hi-0
0F
Reserved
0F
R/W
0x0000
Threshold-Low-0
10
Reserved
10
R/W
0x0FFF
Threshold-Hi-1
11
Reserved
11
R/W
0x0000
Threshold-Low-1
12
Reserved
12
R/W
0x0FFF
Threshold-Hi-2
13
Reserved
13
R/W
0x0000
Threshold-Low-2
14
Reserved
14
R/W
0x0FFF
Threshold-Hi-3
15
Reserved
15
R/W
0x0000
Threshold-Low-3
16
Reserved
16
Reserved
17
Reserved
17
Reserved
18
Reserved
18
Reserved
19
Reserved
19
Reserved
1A
Reserved
1A
Reserved
1B
Reserved
1B
Reserved
1C
Reserved
1C
Reserved
1D
Reserved
1D
Reserved
1E
Reserved
1E
R
0xE000
Part Revision Number
1F
Reserved
1F
Reserved
22
Submit Documentation Feedback
Copyright © 2005–2012, Texas Instruments Incorporated
Product Folder Link(s): AMC7823



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com