Electronic Components Datasheet Search
  English  ▼

X  

AMC7823 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7823
Description  ANALOG MONITORING AND CONTROL CIRCUIT
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7823 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AMC7823 Datasheet HTML 5Page - Texas Instruments AMC7823 Datasheet HTML 6Page - Texas Instruments AMC7823 Datasheet HTML 7Page - Texas Instruments AMC7823 Datasheet HTML 8Page - Texas Instruments AMC7823 Datasheet HTML 9Page - Texas Instruments AMC7823 Datasheet HTML 10Page - Texas Instruments AMC7823 Datasheet HTML 11Page - Texas Instruments AMC7823 Datasheet HTML 12Page - Texas Instruments AMC7823 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
AMC7823
www.ti.com
SLAS453F – APRIL 2005 – REVISED MARCH 2012
TERMINAL FUNCTIONS (continued)
TERMINAL
DESCRIPTION
NO.
NAME
11
CH0
Analog input channel 0
12
CH1
Analog input channel 1
13
CH2
Analog input channel 2
14
CH3
Analog input channel 3
15
AGND
Analog ground
16
AVDD
Analog power supply, +3V to +5V. Must be the same value as DVDD.
17
CH4
Analog input channel 4
18
CH5
Analog input channel 5
19
CH6
Analog input channel 6
20
CH7
Analog input channel 7
When external reference connects here, the internal reference is overridden. When internal reference
21
EXT_REF_IN
is selected, this pin works as output of the internal reference (with 10k
Ω output impedance). See
Reference section for details.
22
DAC 4_OUT
Output of DAC 4
23
DAC 5_OUT
Output of DAC 5
24
DAC 6_OUT
Output of DAC 6
25
DAC 7_OUT
Output of DAC 7
26
RESET
Reset input. Logic low on this pin causes the part to perform hardware reset.
27
GPIO-0/ALR0
Multiple function I/O pin. Works as digital I/O or ALR pin of the first analog input.
28
GPIO-1/ALR1
Multiple function I/O pin. Works as digital I/O or ALR pin of the second analog input.
29
GPIO-2/ALR2
Multiple function I/O pin. Works as digital I/O or ALR pin of the third analog input.
30
GPIO-3/ALR3
Multiple function I/O pin. Works as digital I/O or ALR pin of the fourth analog input.
External conversion trigger. The rising edge starts sampling and conversion of the ADC when
31
CONVERT
external trigger mode is selected.
32
SCLK
Serial clock input
33
MOSI
Master out, slave in. Digital data input for the serial interface
34
MISO
Master in, slave out. Digital data output for the serial interface
Slave select input (active low). Data is not clocked into MOSI unless SS is low. When SS is high,
35
SS
MISO is in high-impedance status.
36
BVDD
Interface power supply. Connects to 3V for 3V logic; connects to 5V for 5V logic.
37
DVDD
Digital power supply (+3V to +5V). Must be the same value as AVDD.
38
DGND
Digital ground
39
GPIO-4
General-purpose digital I/O pin
40
GPIO-5
General-purpose digital I/O pin
Copyright © 2005–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): AMC7823



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com