Electronic Components Datasheet Search
  English  ▼

X  

AMC7823 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7823
Description  ANALOG MONITORING AND CONTROL CIRCUIT
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7823 Datasheet(HTML) 10 Page - Texas Instruments

Back Button AMC7823 Datasheet HTML 6Page - Texas Instruments AMC7823 Datasheet HTML 7Page - Texas Instruments AMC7823 Datasheet HTML 8Page - Texas Instruments AMC7823 Datasheet HTML 9Page - Texas Instruments AMC7823 Datasheet HTML 10Page - Texas Instruments AMC7823 Datasheet HTML 11Page - Texas Instruments AMC7823 Datasheet HTML 12Page - Texas Instruments AMC7823 Datasheet HTML 13Page - Texas Instruments AMC7823 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
AMC7823
SLAS453F – APRIL 2005 – REVISED MARCH 2012
www.ti.com
TIMING CHARACTERISTICS: +5V
At –40°C to +85°C, AVDD = DVDD = 5V, and BVDD = 5V, unless otherwise noted.
PARAMETER
MIN
MAX
UNIT
tsck
SCLK period
42
ns
twsck
SCLK high or low time
21
ns
tLead
SS enable lead time
21
ns
tLag
SS enable lag time
21
ns
ttd
Sequential transfer delay
42
ns
tsu
Data setup time
0
ns
thi
Data hold time (inputs)
21
ns
tho
Data hold time (outputs)
0
ns
tA
Slave access time
21
ns
tdis
Slave MISO disable time
21
ns
tv
Data valid
10
ns
tr
Rise time
30
ns
tf
Fall time
30
ns
tWLDAC
ELDAC width
210
ns
tCONVERT
CONVERT width
210
ns
TIMING CHARACTERISTICS: +3V
At –40°C to +85°C, AVDD = DVDD = 3V, and BVDD = 3V, unless otherwise noted.
(1)
PARAMETER
MIN
MAX
UNIT
tsck
SCLK period
84
ns
twsck
SCLK high or low time
42
ns
tLead
SS enable lead time
42
ns
tLag
SS enable lag time
42
ns
ttd
Sequential transfer delay
84
ns
tsu
Data setup time
0
ns
thi
Data hold time (inputs)
42
ns
tho
Data hold time (outputs)
0
ns
tA
Slave access time
42
ns
tdis
Slave MISO disable time
42
ns
tv
Data valid
10
ns
tr
Rise time
30
ns
tf
Fall time
30
ns
tWLDAC
ELDAC width
420
ns
tCONVERT
CONVERT width
420
ns
(1)
For AVDD = DVDD = 5V, BVDD = 3V, refer to the specification shown in this table.
10
Submit Documentation Feedback
Copyright © 2005–2012, Texas Instruments Incorporated
Product Folder Link(s): AMC7823



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com