Electronic Components Datasheet Search
  English  ▼

X  

AMC7823 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7823
Description  ANALOG MONITORING AND CONTROL CIRCUIT
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7823 Datasheet(HTML) 25 Page - Texas Instruments

Back Button AMC7823 Datasheet HTML 21Page - Texas Instruments AMC7823 Datasheet HTML 22Page - Texas Instruments AMC7823 Datasheet HTML 23Page - Texas Instruments AMC7823 Datasheet HTML 24Page - Texas Instruments AMC7823 Datasheet HTML 25Page - Texas Instruments AMC7823 Datasheet HTML 26Page - Texas Instruments AMC7823 Datasheet HTML 27Page - Texas Instruments AMC7823 Datasheet HTML 28Page - Texas Instruments AMC7823 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
AMC7823
www.ti.com
SLAS453F – APRIL 2005 – REVISED MARCH 2012
Conversion Mode
When internal trigger mode is selected (ECNVT = '0'), two types of ADC conversion are available: direct-mode
and auto-mode. The bit CMODE (Conversion MODE) of the ADC Control Register specifies the conversion
mode. When external trigger mode is selected (ECNVT = '1'), only direct-mode conversion is available. In this
case, bit CMODE in the ADC Control Register is ignored. (See Table 3.)
In direct-mode, each analog channel within the specified group is converted a single time. After the last channel
is converted, the ADC goes into idle state and waits for a new trigger.
Auto-mode is a continuous operation. In auto-mode, each analog channel within the specified group is converted
sequentially from [SA3:SA0] to [EA3:EA0] and repeatedly until one of the following events occur:
•
a new internal trigger is issued;
•
the conversion mode is changed to direct-mode by rewriting the ADC Control Register; or
•
the external trigger is enabled by rewriting the AMC Status/Configuration Register.
When a new internal trigger is issued, a new conversion process starts.
Table 3 summarizes the ADC conversion modes. Note that the ending address must not be less than the starting
address. Otherwise, the ADC conversion sequence may not be correct.
Table 3. ADC Conversion Modes
ECNVT OF AMC STATUS/
CMODE OF
CONFIGURATION REGISTER
ADC CONTROL REGISTER
ADC CONVERSION MODE
1
–
External Trigger, Direct-Mode
0
0
Internal Trigger, Direct-Mode
0
1
Internal Trigger Auto-Mode
Double-Buffered ADC Data Register
The host can access all nine double-buffered ADC Data registers. The conversion result from the analog input
with the channel address n is stored in the ADC-n Data register. When the conversion of an individual channel is
completed, the data is immediately transferred into the corresponding ADC-n temporary (TMPRY) register, the
first stage of the data buffer. When the conversion of the last channel ( [EA3:EA0] ) finishes, all data in ADC-n
TMPRY registers are transferred simultaneously into the corresponding ADC-n Data registers, the second stage
of the data buffer. However, if a data transfer is in progress between an ADC-n Data Register and the AMC Shift
Register, this ADC-n Data Register is not updated until the data transfer is complete. The conversion result from
channel address n is stored in the ADC-n Data Register. For example, the result from channel [0x04] is stored in
the ADC-4 Data Register, and the result from channel [0x07] is stored in the ADC-7 Data Register. The ADC-8
Data Register is used to store on-chip temperature measurement data (see the On-chip Temperature Sensor).
SCLK Clock Noise
The host activates the slave select signal SS (low) to access the AMC7823. When SS is high, the SCLK clock is
blocked. To avoid noise caused by SCLK clock, deactivate SS (high) for at least the conversion process time
immediately after the ADC conversion starts.
Handshaking with the Host (see AMC Status/Configuration Register)
The DAV pin and the bit DAVF (Data Available Flag) of the AMC Status/Configuration Register provide
handshaking with the host. Pin and bit status depend on the conversion mode (direct or auto). In direct-mode,
after ADC-n Data registers of all of the selected channels are updated, the DAVF bit in the AMC
Status/Configuration Register is set immediately to '1', and the DAV pin is active (low) to signify new data are
available. Reading the ADC-n Data Register or restarting the ADC clears bit DAVF to '0' and deactivates the
DAV pin (high).
In auto-mode, after ADC-n Data registers of the selected channels are updated, a pulse of 2
μs (low) appears on
the DAV pin to signify new data are available. However, bit DAVF is always cleared to '0' in auto-mode.
Figure 42, Figure 43 and Figure 44 illustrate the handshaking protocol.
Copyright © 2005–2012, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): AMC7823



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com