Electronic Components Datasheet Search
  English  ▼

X  

AMC7823 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7823
Description  ANALOG MONITORING AND CONTROL CIRCUIT
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7823 Datasheet(HTML) 16 Page - Texas Instruments

Back Button AMC7823 Datasheet HTML 12Page - Texas Instruments AMC7823 Datasheet HTML 13Page - Texas Instruments AMC7823 Datasheet HTML 14Page - Texas Instruments AMC7823 Datasheet HTML 15Page - Texas Instruments AMC7823 Datasheet HTML 16Page - Texas Instruments AMC7823 Datasheet HTML 17Page - Texas Instruments AMC7823 Datasheet HTML 18Page - Texas Instruments AMC7823 Datasheet HTML 19Page - Texas Instruments AMC7823 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
0
512
1024
1536
2048
Code
2560
3072
3584
4096
8.0
6.0
4.0
2.0
0
−2.0
−4.0
−6.0
−8.0
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
0
512
1024
1536
2048
Code
2560
3072
3584
4096
8.0
6.0
4.0
2.0
0
−2.0
−4.0
−6.0
−8.0
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
0
512
1024
1536
2048
Code
2560
3072
3584
4096
8.0
6.0
4.0
2.0
0
−2.0
−4.0
−6.0
−8.0
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
0
512
1024
1536
2048
Code
2560
3072
3584
4096
8.0
6.0
4.0
2.0
0
−2.0
−4.0
−6.0
−8.0
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
−60
−40
−20
0
20
40
60
80
100
Temperature (
_C)
External 2.5V Reference
AV
DD = 5V
Gain = +1
Gain = +2
−60
−40
−20
0
20
40
60
80
100
Temperature (
_C)
External 2.5V Reference
AV
DD = 5V
0.10
0.05
0
−0.05
−0.10
AMC7823
SLAS453F – APRIL 2005 – REVISED MARCH 2012
www.ti.com
TYPICAL CHARACTERISTICS: DIGITAL-TO-ANALOG CONVERTER (DAC) (continued)
At +25°C, AVDD = DVDD = 5V, unless otherwise noted.
LINEARITY ERROR vs CODE
LINEARITY ERROR vs CODE
(+25°C, AVDD = 5V, VREF = 2.5V, GAIN = 1)
(+25°C, AVDD = 2.7V, VREF = 1.25V, GAIN = 1)
Figure 23.
Figure 24.
LINEARITY ERROR vs CODE
LINEARITY ERROR vs CODE
(+85°C, AVDD = 5V, VREF = 2.5V, GAIN = 1)
(+85°C, AVDD = 2.7V, VREF = 1.25V, GAIN = 1)
Figure 25.
Figure 26.
NORMALIZED OFFSET ERROR
NORMALIZED GAIN ERROR
vs TEMPERATURE
vs TEMPERATURE
Figure 27.
Figure 28.
16
Submit Documentation Feedback
Copyright © 2005–2012, Texas Instruments Incorporated
Product Folder Link(s): AMC7823



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com