Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 190 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  AM572x SitaraTM Processors
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5728 Datasheet(HTML) 190 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 186Page - Texas Instruments AM5728 Datasheet HTML 187Page - Texas Instruments AM5728 Datasheet HTML 188Page - Texas Instruments AM5728 Datasheet HTML 189Page - Texas Instruments AM5728 Datasheet HTML 190Page - Texas Instruments AM5728 Datasheet HTML 191Page - Texas Instruments AM5728 Datasheet HTML 192Page - Texas Instruments AM5728 Datasheet HTML 193Page - Texas Instruments AM5728 Datasheet HTML 194Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 415 page
background image
AM5728, AM5726
SPRS915O – MARCH 2014 – REVISED OCTOBER 2015
www.ti.com
(1) VDDS in this table stands for corresponding power supply. For more information on the power supply name and the corresponding ball,
see Table 4-2, POWER [11] column.
5.6.11 SATAPHY DC Electrical Characteristics
NOTE
The SATA module is compliant with the electrical parameters specified in the SATA-IO SATA
Specification, Revision 3.2, August 7, 2013.
5.6.12 PCIEPHY DC Electrical Characteristics
NOTE
The PCIe interfaces are compliant with the electrical parameters specified in PCI-Express
Base Specification Revision 2.0.
5.7
Thermal Characteristics
For reliability and operability concerns, the maximum junction temperature of the Device has to be at or
below the TJ value identified in Table 5-4, Recommended Operating Conditions.
It is recommended to perform thermal simulations at the system level with the worst case device power
consumption.
5.7.1
Package Thermal Characteristics
Table 5-18 provides the thermal resistance characteristics for the package used on this device.
NOTE
Power dissipation of 1.5 W and an ambient temperature of 85ºC is assumed for ABC
package.
Table 5-18. Thermal Resistance Characteristics (ABC Package)
NO.
PARAMET
DESCRIPTION
°C/W(1)
AIR FLOW (m/s)(2)
ER
T1
R
ΘJC
Junction-to-case
0.82
N/A
T2
R
ΘJB
Junction-to-board
3.78
N/A
T3
Junction-to-free air
11.1
0
T4
8.8
1
R
ΘJA
T5
Junction-to-moving air
8.0
2
T6
7.5
3
T7
0.62
0
T8
0.66
1
ΨJT
Junction-to-package top
T9
0.66
2
T10
0.66
3
T11
3.43
0
T12
3.22
1
ΨJB
Junction-to-board
T13
3.12
2
T14
3.04
3
190
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM5728 AM5726



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com