Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 188 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  AM572x SitaraTM Processors
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5728 Datasheet(HTML) 188 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 184Page - Texas Instruments AM5728 Datasheet HTML 185Page - Texas Instruments AM5728 Datasheet HTML 186Page - Texas Instruments AM5728 Datasheet HTML 187Page - Texas Instruments AM5728 Datasheet HTML 188Page - Texas Instruments AM5728 Datasheet HTML 189Page - Texas Instruments AM5728 Datasheet HTML 190Page - Texas Instruments AM5728 Datasheet HTML 191Page - Texas Instruments AM5728 Datasheet HTML 192Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 415 page
background image
AM5728, AM5726
SPRS915O – MARCH 2014 – REVISED OCTOBER 2015
www.ti.com
NOTE
USB1 and USB2 Electrical Characteristics are compliant with USB2.0 Specification Rev 2.0
dated April 27, 2000 including ECNs and Errata as applicable.
5.6.9
Dual Voltage SDIO1833 DC Electrical Characteristics
Table 5-16 summarizes the DC electrical characteristics for Dual Voltage SDIO1833 Buffers.
Table 5-16. Dual Voltage SDIO1833 DC Electrical Characteristics
PARAMETER
MIN
NOM
MAX
UNIT
Signal Names in Mode 0: mmc1_clk, mmc1_cmd, mmc1_data[3:0];
Bottom Balls: W6 / Y6 / AA6 / Y4 / AA5 / Y3;
1.8-V Mode
VIH
Input high-level threshold
1.27
V
VIL
Input low-level threshold
0.58
V
VHYS
Input hysteresis voltage
50 (2)
mV
IIN
Input current at each I/O pin
30
µA
IOZ
IOZ(IPAD Current) for BIDI cell. This current is contributed by the
30
µA
tristated driver leakage + input current of the Rx + weak
pullup/pulldown leakage. PAD is swept from 0 to VDDS and the
Max(I(PAD)) is measured and is reported as IOZ
IIN with
Input current at each I/O pin with weak pulldown enabled
50
120
210
µA
pulldown
measured when PAD = VDDS
enabled
IIN with
Input current at each I/O pin with weak pullup enabled measured
60
120
200
µA
pullup
when PAD = 0
enabled
CPAD
Pad capacitance (including package capacitance)
5
pF
VOH
Output high-level threshold (IOH = 2 mA)
1.4
V
VOL
Output low-level threshold (IOL = 2 mA)
0.45
V
3.3-V Mode
VIH
Input high-level threshold
0.625 ×
V
VDDS
VIL
Input low-level threshold
0.25 × VDDS
V
VHYS
Input hysteresis voltage
40 (2)
mV
IIN
Input current at each I/O pin
110
µA
IOZ
IOZ(IPAD Current) for BIDI cell. This current is contributed by the
110
µA
tristated driver leakage + input current of the Rx + weak
pullup/pulldown leakage. PAD is swept from 0 to VDDS and the
Max(I(PAD)) is measured and is reported as IOZ
IIN with
Input current at each I/O pin with weak pulldown enabled
40
100
200
µA
pulldown
measured when PAD = VDDS
enabled
IIN with
Input current at each I/O pin with weak pullup enabled measured
10
100
290
µA
pullup
when PAD = 0
enabled
CPAD
Pad capacitance (including package capacitance)
5
pF
VOH
Output high-level threshold (IOH = 2 mA)
0.75 × VDDS
V
VOL
Output low-level threshold (IOL = 2 mA)
0.125 ×
V
VDDS
188
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM5728 AM5726



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com