Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 215 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  AM572x SitaraTM Processors
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5728 Datasheet(HTML) 215 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 211Page - Texas Instruments AM5728 Datasheet HTML 212Page - Texas Instruments AM5728 Datasheet HTML 213Page - Texas Instruments AM5728 Datasheet HTML 214Page - Texas Instruments AM5728 Datasheet HTML 215Page - Texas Instruments AM5728 Datasheet HTML 216Page - Texas Instruments AM5728 Datasheet HTML 217Page - Texas Instruments AM5728 Datasheet HTML 218Page - Texas Instruments AM5728 Datasheet HTML 219Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 415 page
background image
AM5728, AM5726
www.ti.com
SPRS915O – MARCH 2014 – REVISED OCTOBER 2015
Table 7-2. Modes Summary (continued)
Virtual or Manual IO Mode Name
Data Manual Timing Mode
GMAC_RGMII0_MANUAL1
GMAC RGMII0 Internal Delay Enabled Timings
GMAC_RGMII1_MANUAL1
GMAC RGMII1 Internal Delay Enabled Timings
eMMC/SD/SDIO
No Virtual or Manual IO Timing Mode
MMC1 DS (Pad Loopback) and SDR12 (Pad Loopback) Timings
Required
MMC1_VIRTUAL1
MMC1 HS (Internal Loopback and Pad Loopback), SDR12 (Internal Loopback), SDR25
Timings (Internal Loopback and Pad Loopback)
MMC1_VIRTUAL2
SDR50 (Pad Loopback) Timings
MMC1_VIRTUAL5
MMC1 DS (Internal Loopback) Timings
MMC1_VIRTUAL6
MMC1 SDR50 (Internal Loopback) Timings
MMC1_VIRTUAL7
MMC1 DDR50 (Internal Loopback) Timings
MMC1_DDR_MANUAL1
MMC1 DDR50 (Pad Loopback) Timings
MMC1_SDR104_MANUAL1
MMC1 SDR104 Timings
No Virtual or Manual IO Timing Mode
MMC2 Standard (Pad Loopback) and High Speed (Pad Loopback) Timings
Required
MMC2_DDR_LB_MANUAL1
MMC2 DDR (Internal Loopback) Timings
MMC2_DDR_1V8_MANUAL1
MMC2 DDR (Pad Loopback) 1.8V Mode Timings
MMC2_DDR_3V3_MANUAL1
MMC2 DDR (Pad Loopback) 3.3V Mode Timings
MMC2_HS200_MANUAL1
MMC2 HS200 Timings
MMC2_STD_HS_LB_MANUAL1
MMC2 Standard (Internal Loopback), High Speed (Internal Loopback) Timings
MMC3_MANUAL1
MMC3 DS, SDR12, HS, SDR25 Timings, SDR50 Timings
MMC4_MANUAL1
MMC4 SDR12, HS, SDR25 Timings
MMC4_DS_MANUAL1
MMC4 DS Timings
PRU-ICSS
PRU_ICSS1_IN_VIRTUAL1
PRU-ICSS1 Direct Input Mode Timings
PRU_ICSS1_OUT_VIRTUAL1
PRU-ICSS1 Direct Output Mode Timings
PRU_ICSS2_IN_VIRTUAL1
PRU-ICSS2 Direct Input Mode Timings
PRU_ICSS2_OUT_VIRTUAL1
PRU-ICSS2 Direct Output Mode Timings
PR1_PRU0_DIR_OUT_MANUAL
PRU-ICSS1 PRU0 Direct Output Mode Timings
PR1_PRU1_DIR_OUT_MANUAL
PRU-ICSS1 PRU1 Direct Output Mode Timings
PR1_PRU0_DIR_IN_MANUAL
PRU-ICSS1 PRU0 Direct Input Mode Timings
PR1_PRU1_DIR_IN_MANUAL
PRU-ICSS1 PRU1 Direct Input Mode Timings
PR1_PRU0_PAR_CAP_MANUAL
PRU-ICSS1 PRU0 Parallel Capture Mode Timings
PR1_PRU1_PAR_CAP_MANUAL
PRU-ICSS1 PRU1 Parallel Capture Mode Timings
PR2_PRU0_DIR_IN_MANUAL1
PRU-ICSS2 PRU0 IOSET1 Direct Input Mode Timings
PR2_PRU0_DIR_IN_MANUAL2
PRU-ICSS2 PRU0 IOSET2 Direct Input Mode Timings
PR2_PRU0_DIR_OUT_MANUAL1
PRU-ICSS2 PRU0 IOSET1 Direct Output Mode Timings
PR2_PRU0_DIR_OUT_MANUAL2
PRU-ICSS2 PRU0 IOSET2 Direct Output Mode Timings
PR2_PRU1_DIR_IN_MANUAL1
PRU-ICSS2 PRU1 IOSET1 Direct Input Mode Timings
PR2_PRU1_DIR_IN_MANUAL2
PRU-ICSS2 PRU1 IOSET2 Direct Input Mode Timings
PR2_PRU1_DIR_OUT_MANUAL1
PRU-ICSS2 PRU1 IOSET1 Direct Output Mode Timings
PR2_PRU1_DIR_OUT_MANUAL2
PRU-ICSS2 PRU1 IOSET2 Direct Output Mode Timings
PR2_PRU0_PAR_CAP_MANUAL1
PRU-ICSS2 PRU0 IOSET1 Parallel Capture Mode Timings
PR2_PRU0_PAR_CAP_MANUAL2
PRU-ICSS2 PRU0 IOSET2 Parallel Capture Mode Timings
PR2_PRU1_PAR_CAP_MANUAL1
PRU-ICSS2 PRU1 IOSET1 Parallel Capture Mode Timings
PR2_PRU1_PAR_CAP_MANUAL2
PRU-ICSS2 PRU1 IOSET2 Parallel Capture Mode Timings
Copyright © 2014–2015, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
215
Submit Documentation Feedback
Product Folder Links: AM5728 AM5726



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com