Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 218 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  AM572x SitaraTM Processors
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5728 Datasheet(HTML) 218 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 214Page - Texas Instruments AM5728 Datasheet HTML 215Page - Texas Instruments AM5728 Datasheet HTML 216Page - Texas Instruments AM5728 Datasheet HTML 217Page - Texas Instruments AM5728 Datasheet HTML 218Page - Texas Instruments AM5728 Datasheet HTML 219Page - Texas Instruments AM5728 Datasheet HTML 220Page - Texas Instruments AM5728 Datasheet HTML 221Page - Texas Instruments AM5728 Datasheet HTML 222Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 415 page
background image
AM5728, AM5726
SPRS915O – MARCH 2014 – REVISED OCTOBER 2015
www.ti.com
Table 7-4. VIN2 IOSETs (continued)
Signals
IOSET1
IOSET2
IOSET3
BALL
MUX
BALL
MUX
BALL
MUX
vin2b_clk1
H7
2
H7
2
AB5
4
vin2b_de1
-
-
G2
3
AB8
4
vin2b_fld1
G2
2
-
-
-
-
vin2b_d0
A4
2
A4
2
AD6
4
vin2b_d1
B5
2
B5
2
AC8
4
vin2b_d2
B4
2
B4
2
AC3
4
vin2b_d3
B3
2
B3
2
AC9
4
vin2b_d4
A3
2
A3
2
AC6
4
vin2b_d5
C5
2
C5
2
AC7
4
vin2b_d6
D6
2
D6
2
AC4
4
vin2b_d7
B2
2
B2
2
AD4
4
vin2b_hsync1
G1
3
G1
3
AC5
4
vin2b_vsync1
G6
3
G6
3
AB4
4
Table 7-5. VIN3 IOSETs
Signals
IOSET1
IOSET2
IOSET3
IOSET4
BALL
MUX
BALL
MUX
BALL
MUX
BALL
MUX
vin3a
vin3a_d0
M6
2
AF1
6
AF1
6
B7
4
vin3a_d1
M2
2
AE3
6
AE3
6
B8
4
vin3a_d2
L5
2
AE5
6
AE5
6
A7
4
vin3a_d3
M1
2
AE1
6
AE1
6
A8
4
vin3a_d4
L6
2
AE2
6
AE2
6
C9
4
vin3a_d5
L4
2
AE6
6
AE6
6
A9
4
vin3a_d6
L3
2
AD2
6
AD2
6
B9
4
vin3a_d7
L2
2
AD3
6
AD3
6
A10
4
vin3a_d8
L1
2
B2
6
B2
6
E8
4
vin3a_d9
K2
2
D6
6
D6
6
D9
4
vin3a_d10
J1
2
C5
6
C5
6
D7
4
vin3a_d11
J2
2
A3
6
A3
6
D8
4
vin3a_d12
H1
2
B3
6
-
-
A5
4
vin3a_d13
J3
2
B4
6
-
-
C6
4
vin3a_d14
H2
2
B5
6
-
-
C8
4
vin3a_d15
H3
2
A4
6
-
-
C7
4
vin3a_d16
R6
2
-
-
-
-
F11
4
vin3a_d17
T9
2
-
-
-
-
G10
4
vin3a_d18
T6
2
-
-
-
-
F10
4
vin3a_d19
T7
2
-
-
-
-
G11
4
vin3a_d20
P6
2
-
-
-
-
E9
4
vin3a_d21
R9
2
-
-
-
-
F9
4
vin3a_d22
R5
2
-
-
-
-
F8
4
vin3a_d23
P5
2
-
-
-
-
E7
4
vin3a_hsync0
N7
2
N7
2
B5
5
C11
4
vin3a_vsync0
R4
2
R4
2
A4
5
E11
4
vin3a_de0
N9
2
N9
2
B3
5
B10
4
vin3a_fld0
P9
2
P9
2
B4
5
D11
4
218
Timing Requirements and Switching Characteristics
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM5728 AM5726



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com