| Electronic Components Datasheet Search |
|
AM5728 Datasheet(PDF) 220 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5728 Datasheet(HTML) 220 Page - Texas Instruments |
|
220 / 415 page ![]() AM5728, AM5726 SPRS915O – MARCH 2014 – REVISED OCTOBER 2015 www.ti.com Table 7-6. VIN4 IOSETs (continued) Signals IOSET1 IOSET2 IOSET3 BALL MUX BALL MUX BALL MUX vin4a_de0 H6/ P7 4 / 5 B10 3 C23 8 vin4a_fld0 P9/ J7 4 / 4 D11 3 F21 8 vin4a_clk0 P4 4 B11 3 B26 8 vin4b vin4b_clk1 N9 6 V1 5 - - vin4b_de1 P9 6 V7 5 - - vin4b_fld1 P4 6 W2 5 - - vin4b_d0 R6 6 U4 5 - - vin4b_d1 T9 6 V2 5 - - vin4b_d2 T6 6 Y1 5 - - vin4b_d3 T7 6 W9 5 - - vin4b_d4 P6 6 V9 5 - - vin4b_d5 R9 6 U5 5 - - vin4b_d6 R5 6 V5 5 - - vin4b_d7 P5 6 V4 5 - - vin4b_hsync1 N7 6 U7 5 - - vin4b_vsync1 R4 6 V6 5 - - NOTE To configure the desired Manual IO Timing Mode the user must follow the steps described in section Manual IO Timing Modes of the Device TRM. The associated registers to configure are listed in the CFG REGISTER column. For more information see the Control Module chapter in the Device TRM. Manual IO Timings Modes must be used to guaranteed some IO timings for VIP1. See Table 7-2 Modes Summary for a list of IO timings requiring the use of Manual IO Timings Modes. See Table 7-7 Manual Functions Mapping for VIP1 for a definition of the Manual modes. Table 7-7 lists the A_DELAY and G_DELAY values needed to calculate the correct values to be set in the CFG_x registers. 220 Timing Requirements and Switching Characteristics Copyright © 2014–2015, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: AM5728 AM5726 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |