Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 265 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  AM572x SitaraTM Processors
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5728 Datasheet(HTML) 265 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 261Page - Texas Instruments AM5728 Datasheet HTML 262Page - Texas Instruments AM5728 Datasheet HTML 263Page - Texas Instruments AM5728 Datasheet HTML 264Page - Texas Instruments AM5728 Datasheet HTML 265Page - Texas Instruments AM5728 Datasheet HTML 266Page - Texas Instruments AM5728 Datasheet HTML 267Page - Texas Instruments AM5728 Datasheet HTML 268Page - Texas Instruments AM5728 Datasheet HTML 269Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 415 page
background image
AM5728, AM5726
www.ti.com
SPRS915O – MARCH 2014 – REVISED OCTOBER 2015
Table 7-32. Virtual Functions Mapping for GPMC (continued)
BALL
BALL NAME
Delay Mode Value
MUXMODE[15:0]
NUMBE
GPMC_VIRTUAL1
0
1
2
3
5
6
R
J6
gpmc_a25
11
gpmc_a25
gpmc_a19
H4
gpmc_a26
11
gpmc_a26
gpmc_a20
H5
gpmc_a27
11
gpmc_a27
gpmc_a21
H6
gpmc_cs1
11
gpmc_cs1
gpmc_a22
T1
gpmc_cs0
14
gpmc_cs0
P2
gpmc_cs2
12
gpmc_cs2
P1
gpmc_cs3
10
gpmc_cs3
gpmc_a1
P7
gpmc_clk
12
gpmc_clk
gpmc_cs7
gpmc_wait1
N1
gpmc_advn_
13
gpmc_advn_
gpmc_cs6
gpmc_wait1
gpmc_a2
gpmc_a23
ale
ale
M5
gpmc_oen_re
14
gpmc_oen_re
n
n
M3
gpmc_wen
14
gpmc_wen
N6
gpmc_ben0
11
gpmc_ben0
gpmc_cs4
M4
gpmc_ben1
11
gpmc_ben1
gpmc_cs5
gpmc_a3
N2
gpmc_wait0
14
gpmc_wait0
AG5
vin1a_d11
9
gpmc_a23
AF2
vin1a_d12
9
gpmc_a24
AF6
vin1a_d13
9
gpmc_a25
AF3
vin1a_d14
9
gpmc_a26
AF4
vin1a_d15
9
gpmc_a27
7.11 Timers
The device has 16 general-purpose (GP) timers (TIMER1 - TIMER16), two watchdog timers, and a 32-kHz
synchronized timer (COUNTER_32K) that have the following features:
•
Dedicated input trigger for capture mode and dedicated output trigger/pulse width modulation (PWM)
signal
•
Interrupts generated on overflow, compare, and capture
•
Free-running 32-bit upward counter
•
Supported modes:
–
Compare and capture modes
–
Auto-reload mode
–
Start-stop mode
•
On-the-fly read/write register (while counting)
The device has two system watchdog timer (WD_TIMER1 and WD_TIMER2) that have the following
features:
•
Free-running 32-bit upward counter
•
On-the-fly read/write register (while counting)
•
Reset upon occurrence of a timer overflow condition
The device includes one instance of the 32-bit watchdog timer: WD_TIMER2, also called the MPU
watchdog timer.
The watchdog timer is used to provide a recovery mechanism for the device in the event of a fault
condition, such as a non-exiting code loop.
Copyright © 2014–2015, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
265
Submit Documentation Feedback
Product Folder Links: AM5728 AM5726



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com