Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 267 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  AM572x SitaraTM Processors
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5728 Datasheet(HTML) 267 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 263Page - Texas Instruments AM5728 Datasheet HTML 264Page - Texas Instruments AM5728 Datasheet HTML 265Page - Texas Instruments AM5728 Datasheet HTML 266Page - Texas Instruments AM5728 Datasheet HTML 267Page - Texas Instruments AM5728 Datasheet HTML 268Page - Texas Instruments AM5728 Datasheet HTML 269Page - Texas Instruments AM5728 Datasheet HTML 270Page - Texas Instruments AM5728 Datasheet HTML 271Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 415 page
background image
10
8
4
3
7
12
5
6
14
2
3
13
Stop
Start
Repeated
Start
Stop
I2Ci_SDA
I2Ci_SCL
1
11
9
AM5728, AM5726
www.ti.com
SPRS915O – MARCH 2014 – REVISED OCTOBER 2015
(1) The I2C pins SDA and SCL do not feature fail-safe I/O buffers. These pins could potentially draw current when the device is powered
down.
(2) A Fast-mode I2C-bus™ device can be used in a Standard-mode I2C-bus system, but the requirement tsu(SDA-SCLH)≥ 250 ns must then be
met. This will automatically be the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch
the LOW period of the SCL signal, it must output the next data bit to the SDA line tr max + tsu(SDA-SCLH)= 1000 + 250 = 1250 ns
(according to the Standard-mode I2C-Bus Specification) before the SCL line is released.
(3) A device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the VIHmin of the SCL signal) to bridge the
undefined region of the falling edge of SCL.
(4) The maximum th(SDA-SCLL) has only to be met if the device does not stretch the low period [tw(SCLL)] of the SCL signal.
(5) Cb = total capacitance of one bus line in pF. If mixed with HS-mode devices, faster fall-times are allowed.
Table 7-34. Timing Requirements for I2C HS-Mode (I2C3/4/5 Only)(1)
NO.
PARAMETER
DESCRIPTION
Cb = 100 pF MAX
Cb = 400 pF
(2)
UNIT
MIN
MAX
MIN
MAX
1
tc(SCL)
Cycle time, SCL
0.294
0.588
µs
2
tsu(SCLH-SDAL)
Set-up time, SCL high before
160
160
ns
SDA low (for a repeated START
condition)
3
th(SDAL-SCLL)
Hold time, SCL low after SDA
160
160
ns
low (for a repeated START
condition)
4
tw(SCLL)
LOW period of the SCLH clock
160
320
ns
5
tw(SCLH)
HIGH period of the SCLH clock
60
120
ns
6
tsu(SDAV-SCLH)
Setup time, SDA valid vefore
10
10
ns
SCL high
7
th(SCLL-SDAV)
Hold time, SDA valid after SCL
0 (3)
70
0 (3)
150
ns
low
13
tsu(SCLH-SDAH)
Setup time, SCL high before
160
160
ns
SDA high (for a STOP condition)
14
tw(SP)
Pulse duration, spike (must be
0
10
0
10
ns
suppressed)
15
Cb
(2)
Capacitive load for SDAH and
100
400
pF
SCLH lines
16
Cb
Capacitive load for SDAH + SDA
400
400
pF
line and SCLH + SCL line
(1) I2C HS-Mode is only supported on I2C3/4/5. I2C HS-Mode is not supported on I2C1/2.
(2) For bus line loads Cb between 100 and 400 pF the timing parameters must be linearly interpolated.
(3) A device must internally provide a Data hold time to bridge the undefined part between VIH and VIL of the falling edge of the SCLH
signal. An input circuit with a threshold as low as possible for the falling edge of the SCLH signal minimizes this hold time.
Figure 7-23. I2C Receive Timing
Copyright © 2014–2015, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
267
Submit Documentation Feedback
Product Folder Links: AM5728 AM5726



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com