Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 268 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  AM572x SitaraTM Processors
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5728 Datasheet(HTML) 268 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 264Page - Texas Instruments AM5728 Datasheet HTML 265Page - Texas Instruments AM5728 Datasheet HTML 266Page - Texas Instruments AM5728 Datasheet HTML 267Page - Texas Instruments AM5728 Datasheet HTML 268Page - Texas Instruments AM5728 Datasheet HTML 269Page - Texas Instruments AM5728 Datasheet HTML 270Page - Texas Instruments AM5728 Datasheet HTML 271Page - Texas Instruments AM5728 Datasheet HTML 272Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 415 page
background image
25
23
19
18
22
27
20
21
17
18
28
Stop
Start
Repeated
Start
Stop
I2Ci_SDA
I2Ci_SCL
16
26
24
AM5728, AM5726
SPRS915O – MARCH 2014 – REVISED OCTOBER 2015
www.ti.com
Table 7-35 and Figure 7-24 assume testing over the recommended operating conditions and electrical
characteristic conditions below.
Table 7-35. Switching Characteristics Over Recommended Operating Conditions for I2C Output Timings(2)
STANDARD MODE
FAST MODE
NO.
PARAMETER
DESCRIPTION
UNIT
MIN
MAX
MIN
MAX
16
tc(SCL)
Cycle time, SCL
10
2.5
µs
Setup time, SCL high before SDA low (for a
17
tsu(SCLH-SDAL)
4.7
0.6
µs
repeated START condition)
Hold time, SCL low after SDA low (for a
18
th(SDAL-SCLL)
4
0.6
µs
START and a repeated START condition)
19
tw(SCLL)
Pulse duration, SCL low
4.7
1.3
µs
20
tw(SCLH)
Pulse duration, SCL high
4
0.6
µs
21
tsu(SDAV-SCLH)
Setup time, SDA valid before SCL high
250
100
ns
Hold time, SDA valid after SCL low (for I2C
22
th(SCLL-SDAV)
0
3.45
0
0.9
µs
bus devices)
Pulse duration, SDA high between STOP and
23
tw(SDAH)
4.7
1.3
µs
START conditions
20 + 0.1Cb
24
tr(SDA)
Rise time, SDA
1000
300(3)
ns
(1) (3)
20 + 0.1Cb
25
tr(SCL)
Rise time, SCL
1000
300(3)
ns
(1) (3)
20 + 0.1Cb
26
tf(SDA)
Fall time, SDA
300
300(3)
ns
(1) (3)
20 + 0.1Cb
27
tf(SCL)
Fall time, SCL
300
300(3)
ns
(1) (3)
Setup time, SCL high before SDA high (for
28
tsu(SCLH-SDAH)
4
0.6
µs
STOP condition)
29
Cp
Capacitance for each I2C pin
10
10
pF
(1) Cb = total capacitance of one bus line in pF. If mixed with HS-mode devices, faster fall-times are allowed.
(2) Software must properly configure the I2C module registers to achieve the timings shown in this table. See the Device TRM for details.
(3) These timings apply only to I2C1 and I2C2. I2C3, I2C4, and I2C5 use standard LVCMOS buffers to emulate open-drain buffers and their
rise/fall times should be referenced in the device IBIS model.
NOTE
I2C emulation is achieved by configuring the LVCMOS buffers to output Hi-Z instead of
driving high when transmitting logic-1.
Figure 7-24. I2C Transmit Timing
268
Timing Requirements and Switching Characteristics
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM5728 AM5726



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com